Electronic Components Datasheet Search
  English  ▼

X  

8031111 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8031111
Description  Proportional pressure control valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8031111 Datasheet(HTML) 2 Page - Festo Corporation.

  8031111 Datasheet HTML 1Page - Festo Corporation. 8031111 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
UKCA marking (see declaration of conformity)
To UK instructions for EMC
To UK RoHS instructions
Certificate issuing authority
UL E322346
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Temperature of medium
10 °C ... 50 °C
Degree of protection
IP65
Ambient temperature
0 °C ... 60 °C
Product weight
560 g
Linearity
1 %FS
Hysteresis
0.5 %FS
Reproducibility
0.5 %FS
Overall accuracy
1.25 %FS
Temperature coefficient
0.04 %/K
Repetition accuracy FS
0.5 %
IO-Link®, protocol version
Device V 1.1
IO-Link®, communication mode
COM1 (4.8 kBd), COM2 (38.4 kBd), COM3 (230.4 kBd)
IO-Link®, port class
A
IO-Link®, process data width OUT
2 Byte
IO-Link®, process data width IN
2 Byte
IO-Link®, minimum cycle time
0.5 ms
Type of mounting
Optionally:
With through-hole
With accessories
Pneumatic connection 1
Sub-base
Pneumatic connection 2
Sub-base
Pneumatic connection 3
Sub-base
Note on materials
RoHS-compliant
Housing material
Wrought aluminum alloy
Anodized
10/29/24 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com