Electronic Components Datasheet Search
  English  ▼

X  

8071579 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8071579
Description  Valve unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8071579 Datasheet(HTML) 2 Page - Festo Corporation.

  8071579 Datasheet HTML 1Page - Festo Corporation. 8071579 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Nominal operating voltage DC
24 V
DC operating voltage range
21.6 V ... 26.4 V
Residual ripple
5 %
Max. current consumption
1.2 A
Current consumption
120 mA
Reverse polarity protection
for operating voltage
Duty cycle
100%
Max. electrical power consumption
33.5 W
Diagnostic function
Indication via LED
Max. cable length
30 m
Fieldbus interface, connection type
Plug
Fieldbus interface, connection technology
M12x1, A-coded as per EN 61076-2-101
Fieldbus interface, number of poles/wires
5
Fieldbus interface, protocol
CAN bus with Festo protocol
Electrical connection for actuator, connection type
Socket
Electrical actuator connection, connection technology
M12x1 A-coded as per EN 61076-2-101
Electrical actuator connection, number of pins/wires
8
Pneumatic valve electrical connection, connection type
Plug
Electrical pneumatic valve connection, connection technology
Connection diagram form C as per industrial standard, 9.4 mm
Electrical pneumatic valve connection, number of pins/wires
2
Type of mounting
Direct fastening via M5 thread
Pneumatic connection 1
G3/8
Pneumatic connection 2
G3/8
Pneumatic connection 3
G3/8
Pneumatic connection for control component
G1/8
Product weight
1550 g
Housing material
Wrought aluminum alloy, anodized
Seals material
FPM
HNBR
NBR
10/27/24 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com