Electronic Components Datasheet Search
  English  ▼

X  

2CL1 Datasheet(PDF) 1 Page - Electronic devices inc.

Part # 2CL1
Description  HIGH VOLTAGE, HIGH CURRENT SILICON RECTIFIER DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

2CL1 Datasheet(HTML) 1 Page - Electronic devices inc.

  2CL1 Datasheet HTML 1Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HIGH VOLTAGE, HIGH CURRENT
SILICON RECTIFIER DIODES
EDI TYPE #
PRV VOLTS
AVERAGE FORWARD
CURRENT, IO
MAX FORWARD VOLTAGE
DROP (@PRV),
2CL103
9,000
350 mA
10V
2CL104
12,000
350 mA
12V
2CL105
9,000
450 mA
10V
2CL106
12,000
450 mA
12V
Electrical Characteristics (at TA = 25°C Unless Otherwise Specified)
ELECTRICAL CHARACTERISTIC
2CL10 Series
MAX DC REVERSE CURRENT (25ºC)
5 A
MAX DC REVERSE CURRENT (100ºC)
OPERATING TEMPERATURE RANGE
-55 To 150°C
STORAGE TEMPERATURE RANGE
-55 To 150°C
NOTES: It is recommended that a proper heat sink be used on the terminals of this device between the
body and the soldering point to prevent damage from excess heat.
2CL1
EDI reserves the right to change these specifications at any time whthout notice.
21 GRAY OAKS AVENUE
* YONKERS. NEW YORK 10710 914-965-4400
* FAX 914-965-5531
* 1-800-678-0828
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
Ee-mail:sales@edidiodes.com
Wwebsite: http://www.edidiodes.com
*
20 A


Similar Part No. - 2CL1

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
2CL10-04 AMMSEMI-2CL10-04 Datasheet
673Kb / 4P
High Voltage Rectifier Series
2CL10-06 AMMSEMI-2CL10-06 Datasheet
673Kb / 4P
High Voltage Rectifier Series
2CL10-08 AMMSEMI-2CL10-08 Datasheet
673Kb / 4P
High Voltage Rectifier Series
2CL10-10 AMMSEMI-2CL10-10 Datasheet
673Kb / 4P
High Voltage Rectifier Series
2CL10-12 AMMSEMI-2CL10-12 Datasheet
673Kb / 4P
High Voltage Rectifier Series
More results

Similar Description - 2CL1

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
2CL2 EDI-2CL2 Datasheet
40Kb / 1P
HIGH VOLTAGE, MEDIUM CURRENT SILICON RECTIFIER DIODES
2CL69 EDI-2CL69 Datasheet
56Kb / 1P
HIGH VOLTAGE, LOW CURRENT SILICON RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
ESJW08 GETEDZ-ESJW08 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW10 GETEDZ-ESJW10 Datasheet
515Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW01 GETEDZ-ESJW01 Datasheet
515Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW02 GETEDZ-ESJW02 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW03 GETEDZ-ESJW03 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW04 GETEDZ-ESJW04 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW05 GETEDZ-ESJW05 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
ESJW06 GETEDZ-ESJW06 Datasheet
516Kb / 2P
High Current High Voltage Silicon Rectifier Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com