Electronic Components Datasheet Search
  English  ▼

X  

CPH3244 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # CPH3244
Description  PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH3244 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  CPH3244 Datasheet HTML 1Page - Sanyo Semicon Device CPH3244 Datasheet HTML 2Page - Sanyo Semicon Device CPH3244 Datasheet HTML 3Page - Sanyo Semicon Device CPH3244 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CPH3144 / CPH3244
No.8165-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)1.5A, IB=(--)75mA
(--170)160
(--260)240
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=(--)1.5A, IB=(--)75mA
(--)0.94
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10µA, IE=0
(--30)40
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)30
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10µA, IC=0
(--)5
V
Turn-ON Time
ton
See specified Test Circuit.
(45)40
ns
Storage Time
tstg
See specified Test Circuit.
(200)350
ns
Fall Time
tf
See specified Test Circuit.
(23)30
ns
Package Dimensions
Switching Time Test Circuit
unit : mm
2150A
1 : Base
2 : Emitter
3 : Collector
SANYO : CPH3
0.05
1.9
1
2
3
2.9
0.15
0.4
VR
RB
VCC=12V
VBE= --5V
+
+
50
Ω
INPUT
OUTPUT
RL=24Ω
100
µF
470
µF
PW=20
µs
IB1
D.C.
≤1%
IB2
IC=20IB1= --20IB2=500mA
For PNP, the polarity is reversed.
IC -- VCE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Base-to-Emitter Voltage, VBE -- V
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
--1.6
--1.8
--2.0
0
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
--1.6
--1.8
--2.0
IB=0
CPH3144
--4mA
--10mA
--15mA
--8mA
--6mA
--30mA
--20mA
--40mA
--2mA
IT08907
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IT08908
CPH3244
10mA
15mA
8mA
6mA
4mA
2mA
IB=0
20mA
--0.25
--0.50
--0.75
--1.00
--1.25
--1.50
--1.75
--2.00
0
CPH3144
VCE= --2V
IT08909
0
--0.2
--0.4
--0.6
--0.8
--1.0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0
IT08910
0
0.2
0.4
0.6
0.8
1.0
CPH3244
VCE=2V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com