Electronic Components Datasheet Search
  English  ▼

X  

PM5357-BI Datasheet(PDF) 39 Page - PMC-Sierra, Inc

Part # PM5357-BI
Description  SATURN USER NETWORK INTERFACE (622-POS)
PDF  432 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5357-BI Datasheet(HTML) 39 Page - PMC-Sierra, Inc

Back Button PM5357-BI Datasheet HTML 35Page - PMC-Sierra, Inc PM5357-BI Datasheet HTML 36Page - PMC-Sierra, Inc PM5357-BI Datasheet HTML 37Page - PMC-Sierra, Inc PM5357-BI Datasheet HTML 38Page - PMC-Sierra, Inc PM5357-BI Datasheet HTML 39Page - PMC-Sierra, Inc PM5357-BI Datasheet HTML 40Page - PMC-Sierra, Inc PM5357-BI Datasheet HTML 41Page - PMC-Sierra, Inc PM5357-BI Datasheet HTML 42Page - PMC-Sierra, Inc PM5357-BI Datasheet HTML 43Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 432 page
background image
PRODUCTION
S/UNI-622-POS
PMC-Sierra, Inc.
PM5357
S/UNI-622-POS
DATASHEET
PMC-1980911
ISSUE 5
SATURN USER NETWORK INTERFACE (622-POS)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE
34
Pin Name
Type
Pin
No.
Function
FPOUT
Output
AC14
In parallel interface operation, the parallel outgoing
stream frame pulse (FPOUT) marks the frame
alignment on the POUT[7:0] bus. FPOUT marks the
first synchronous payload envelope byte after the
J0/Z0 bytes. FPOUT is updated on the rising edge of
PTCLK.
When parallel interface operation is not used, FPOUT
may be used for 1+1 APS operation. In this mode,
FPOUT marks the first synchronous payload
envelope byte after the J0/Z0 bytes. FPOUT is
updated on the rising edge of TCLK. See the
Operation section for more discussion of 1+1 APS.
POUT[0]
POUT[1]
POUT[2]
POUT[3]
POUT[4]
POUT[5]
POUT[6]
POUT[7]
Output
AA14
AB14
AC13
AB13
AA13
Y13
AB12
AA12
In parallel interface operation, the parallel outgoing
stream, (POUT[7:0]) carries the scrambled STS-
12c/STM-4-4c or STS-3c/STM-1 stream in byte-serial
format. POUT[7] is the most significant bit
(corresponding to bit 1 of each serial word, the first bit
transmitted). POUT[0] is the least significant bit
(corresponding to bit 8 of each serial word, the last bit
transmitted). POUT[7:0] is updated on the rising
edge of PTCLK.
When parallel interface operation is not used,
POUT[7:0] may be used for 1+1 APS operation. In
this mode, POUT[7:0] carries the byte-serial STS-
12c/STM-4-4c transmit path and updates on the rising
edge of TCLK. See the Operation section for more
discussion of 1+1 APS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com