Electronic Components Datasheet Search
  English  ▼

X  

PM5358 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM5358
Description  Quad Channel OC-12c ATM and POS Physical Layer Device
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5358 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM5358 Datasheet HTML 1Page - PMC-Sierra, Inc PM5358 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PM5358
Advance
Quad Channel OC-12c ATM and POS Physical Layer Device
S/UNI®-4x622
PMC-2000331 (A2)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
© Copyright PMC-Sierra, Inc. 2000
FEATURES
• Single chip quad ATM and POS User-
Network Interface operating at
622 Mbit/s.
• Implements the ATM Forum User
Network Interface Specification and
the ATM physical layer for Broadband
ISDN according to CCITT
Recommendation I.432.
• Implements the Point-to-Point Protocol
(PPP) over SONET/SDH specification
according to RFC 2615(1619)/1662 of
the PPP Working Group of the Internet
Engineering Task Force (IETF).
• Processes four bit-serial 622 Mbit/s
STS-12c (STM-4-4c) data streams
with on-chip clock and data recovery
and clock synthesis.
• Complies with Bellcore GR-253-CORE
jitter tolerance, jitter transfer and
intrinsic jitter criteria.
• Each channel provides termination for
SONET Section, Line and Path
overhead or SDH Regenerator
Section, Multiplexer Section and High
Order Path overhead.
• Provides UTOPIA Level 3 32-bit wide
System Interface (clocked up to
104 MHz) with parity support for ATM
applications.
• Provides SATURN POS-PHY
Level 3™ 32-bit System Interface
(clocked up to 104 MHz) for Packet
over SONET (POS), or ATM
applications.
• Supports line loopback from the line
side receive stream to the transmit
stream and diagnostic loopback from
the line side transmit stream to the line
side receive stream interface.
• Provides support for automatic
protection switching including a bi-
directional 4-bit PECL 622 MHz port
for external APS with mate device.
• Built-in APS cross-connect for internal
and external 1+1 and 1:n protection
switching.
• Provides a standard five signal IEEE
1149.1 JTAG test port for boundary
scan board test purposes.
• Provides a generic 16-bit
microprocessor bus interface for
configuration, control, and status
monitoring.
• Low power 2.5 V CMOS core logic with
3.3 V CMOS/TTL compatible digital
inputs and digital outputs. PECL inputs
and outputs are 3.3 V compatible.
• Industrial temperature range (-40° C to
+85° C).
• 520 pin SBGA package.
• Pin and software compatible with
PM5382 S/UNI-16x155.
APPLICATIONS
• ATM and Multiservice Switches,
Routers, and Switch/Routers.
• SONET/SDH Add/Drop Multiplexers
with data processing capabilities
• Uplink Cards.
• SONET/SDH ATM/POS Test
Equipment.
QAVS[2:0]
ATP[1:0]
QAVD[2:0]
TXD[3:0]+/-
SD[3:0]
REFCLK+/-
RXD[3:0]+/-
TDREF1, TDREF0
AVD[45:0]
SPECLV
SDTTL
AVS[45:0]
C1[3:0], C0[3:0]
Path
Trace Buffer
Section
Trace Buffer
WAN
Synch.
Sync Status,
BERM
Section/
Line DCC
Insertion
Section/
Line DCC
Extraction
JTAG
TCA/TPA
TENB
STPA
TSOC/TSOP
TADR[3:0]
TFCLK
TPRTY
TMOD[1:0]
TDAT[31:0]
TSX
RADR[3:0]
RSX
RSOC/RSOP
RFCLK
TEOP
RPRTY
RMOD[1:0]
RDAT[31:0]
RENB
REOP
RERR
Rx
Line O/H
Processor
Rx
Section O/H
Processor
Tx
Line O/H
Processor
Tx
Section O/H
Processor
TERR
RCA/RVAL
Microprocessor
Interface
External
APS
Interface
Tx
Path O/H
Processor
Tx
ATM Cell
Processor
Tx
POS Frame
Processor
Rx
ATM Cell
Processor
Rx
POS Frame
Processor
Rx
Path O/H
Processor
BLOCK DIAGRAM


Similar Part No. - PM5358

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5350 PMC-PM5350 Datasheet
630Kb / 2P
SATURN USER NETWORK INTERFACE(155.52 & 51.84 MBIT/S)
PM5350 PMC-PM5350 Datasheet
60Kb / 2P
155 Mb/s SATURN User Network Interface
PM5350-1 PMC-PM5350-1 Datasheet
617Kb / 196P
SATURN USER NETWORK INTERFACE
PM5350-RC PMC-PM5350-RC Datasheet
630Kb / 2P
SATURN USER NETWORK INTERFACE(155.52 & 51.84 MBIT/S)
PM5351 PMC-PM5351 Datasheet
83Kb / 4P
Quad 155 Mbit/s ATM and Packet Over SONET/SDH Physical Layer Device
More results

Similar Description - PM5358

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5349 PMC-PM5349 Datasheet
72Kb / 4P
Quad 155 Mb/s ATM Physical Layer Device
PM5351 PMC-PM5351 Datasheet
83Kb / 4P
Quad 155 Mbit/s ATM and Packet Over SONET/SDH Physical Layer Device
PM5356 PMC-PM5356 Datasheet
63Kb / 4P
622 Mbit/s ATM Physical Layer Device
PM5382 PMC-PM5382 Datasheet
36Kb / 2P
16-Channel OC-3c ATM and POS Physical Layer Device
PM5384 PMC-PM5384 Datasheet
46Kb / 2P
Single Channel OC-3c ATM and POS Physical Layer Device
PM5390 PMC-PM5390 Datasheet
100Kb / 2P
10 Gbit/s Physical Layer Device for POS, ATM and Ethernet
PM7375 PMC-PM7375 Datasheet
1Mb / 430P
LOCAL ATM SAR & PHYSICAL LAYER
PM5349-1 PMC-PM5349-1 Datasheet
60Kb / 2P
Quad 155 Mb/s ATM Physical Layer Device
PM5351-1 PMC-PM5351-1 Datasheet
70Kb / 2P
Quad 155 Mbit/s ATM and Packet Over SONET/SDH Physical Layer Device
PM5356-1 PMC-PM5356-1 Datasheet
36Kb / 2P
622 Mbit/s ATM Physical Layer Device
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com