Electronic Components Datasheet Search
  English  ▼

X  

MPC942P Datasheet(PDF) 4 Page - Integrated Device Technology

Part # MPC942P
Description  Low Voltage 1:18 Clock Distribution Chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC942P Datasheet(HTML) 4 Page - Integrated Device Technology

  MPC942P Datasheet HTML 1Page - Integrated Device Technology MPC942P Datasheet HTML 2Page - Integrated Device Technology MPC942P Datasheet HTML 3Page - Integrated Device Technology MPC942P Datasheet HTML 4Page - Integrated Device Technology MPC942P Datasheet HTML 5Page - Integrated Device Technology MPC942P Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MPC942P
MOTOROLA
TIMING SOLUTIONS
DL207 — Rev 0
4
DC CHARACTERISTICS (TA = 0° to 70°C, VCC = 3.3V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VIH
Input HIGH Voltage
2.4
VCC
V
VIL
Input LOW Voltage
0.8
V
VPP
Input Swing PECL.CLK
0.6
1.0
V
VX
Input Crosspoint PECL_CLK
VCC–1.0
VCC–0.6
V
VOH
Output HIGH Voltage
2.4
V
IOH = –20 mA
VOL
Output LOW Voltage
0.6
V
IOL = 20 mA
IIN
Input Current
±200
µA
CIN
Input Capacitance
4.0
pF
CPD
Power Dissipation Capacitance
14
pF
Per Output
ZOUT
Output Impedance
12
W
ICC
Maximum Quiescent Supply Current
0.5
5.0
mA
AC CHARACTERISTICS (TA = 0° to 70°C, VCC = 3.3V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
Fmax
Maximum Frequency
250
MHz
tPLH
Propagation Delay
1.5
3.2
ns
tPHL
Propagation Delay
1.5
3.6
ns
tsk(o)
Output–to–Output Skew
200
ps
tsk(pr)
Part–to–Part Skew
1.7
ns
Note 2
tsk(pr)
Part–to–Part Skew
1.0
ps
Note 1
tr, tf
Output Rise/Fall Time
0.1
1.0
ns
1. For a specific temperature and voltage, includes output skew.
2. Across temperature and voltage ranges, includes output skew.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
MPC942P
Low Voltage 1:18 Clock Distribution Chip
NETCOM
IDT™ Low Voltage 1:18 Clock Distribution Chip
Freescale Timing Solutions Organization has been acquired by Integrated Device Technology, Inc
MPC942P
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com