Electronic Components Datasheet Search
  English  ▼

X  

PM5362 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM5362
Description  SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR / PERFORMANCE MONITOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5362 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM5362 Datasheet HTML 1Page - PMC-Sierra, Inc PM5362 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PMC-960411 (R3)
©Ã1998 PMC-Sierra, Inc. September, 1998
PM5362
PMC-Sierra,Inc.
VT/TU Payload Processor/Performance Monitor
TUPP-PLUS
FEATURES
• A configurable, multi-channel, payload
processor for alignment of SONET
Virtual Tributaries (VTs) or SDH
Tributary Units (TUs). Configurable to
process any legal mix of tributaries.
• Provides independently-configurable
AU3/AU4 frame format on incoming
and outgoing directions.
• Compensates for pleisiochronous
relationships between incoming and
outgoing higher level (STS-1, AU4,
AU3) synchronous payload envelope
frame rates through processing of the
lower level (VT6, VT3, VT2, VT1.5,
TU3, TU2, TU12, or TU11) tributary
pointers.
• Provides for multiframe
synchronization or ring closure at the
head-end node in a SONET/SDH ring.
• Optionally frames to the H4 byte in the
Path overhead to determine tributary
multiframe boundaries.
• Inserts valid pointers, and all-zeros
transport overhead bytes on the
outgoing stream with valid
“Telecombus” control signals when
configured to operate in locked mode.
• Independently-configurable incoming
and outgoing interfaces that operate in
byte-interface mode using a
19.44 MHz clock or in nibble-interface
mode using a 38.88 MHz clock.
• Provides a generic 8-bit
microprocessor bus interface and a
standard 5-signal IEEE P1149.1 JTAG
test port.
• Low power, +5 V, CMOS technology,
TTL-compatible inputs and outputs.
• Available in a 160-pin Plastic Quad
Flat Pack (PQFP) package (28 by
28 mm).
PER-TRIBUTARY FUNCTIONS
• Detects Loss Of Pointer (LOP) and
reacquisition.
• Extracts and serializes the entire
tributary Path overhead of each
tributary.
• Detects tributary elastic store
underflow and overflow errors.
• Stores and processes 16-byte or 64-
byte format tributary Path trace
messages (tributary trail trace
identifiers). Detects tributary Path
Trace Mismatch (TIM) and unstable
(TIU) alarms.
• Extracts tributary Path signal label into
internal registers and detects Change
Of tributary Path Signal Label
(COPSL) events for each tributary.
• Detects tributary Path Signal Label
Mismatch (PSLM) and unstable
(PSLU) alarms.
• Detects tributary unequipped defect
(UNEQ), tributary Path Defect
Indication (PDI-V), and the assertion
and removal of tributary extended
Remote Defect Indications (RDI).
• Extracts and stores the tributary size
(SS) bits.
• Calculates and compares the tributary
Path BIP-2 error detection code.
Accumulates the BIP-2 errors and
tributary Path Far-End Block Errors
(FEBEs) on a block or bit basis.
• Supports in-band error reporting by
updating the FEBE, RDI, and auxiliary
RDI bits in the V5 byte (G1 in TU3)
with the status of the incoming stream.
• Optionally generates tributary Path AIS
on the detection of LOP, loss of
tributary multiframe, trace identifier
unstable, trace identifier mismatch,
signal label unstable, and /or signal
label mismatch. Also allows software
to force AIS insertion.
• Under software control, allows
insertion of all-zeros or all-ones
tributary idle code with unequipped
indication.
APPLICATIONS
• SONET/SDH Add/Drop and Terminal
Multiplexers
• SONET/SDH Broadband Cross-
Connects
• SONET/SDH and ATM Test
Equipment
BLOCK DIAGRAM
U9P
BT8GFb )d
DUHA
DQG
D8 E
T8F
IT8GF
D7HP9@
P7HP9
U9D
U8F
USTU
UHT
D9Q
D9b&)d
H7@7
STU7
S97
XS7
6G@
6b )d
9b&)d
DIU7
EU6B
Pˆ‡ƒˆ‡
Hˆ‘
GPHb") d
S69
QPC8F
QPC@Ib") d
QPCAQb") d
GQG
G8 E W
UQPC
8PVU
D9G@
6DT
P9b&)d
PUW$
PUQG
P9Q
PQG
P8 E
PUHA
U…viˆ‡h…’Ã
Qh’y‚hqÃ
Q…‚pr††‚…Ã
WUQQ
U…viˆ‡h…’ÃQh‡uÃ
P‰r…urhqÃQ…‚pr††‚…Ã
SUPQ
U…viˆ‡h…’ÃU…hprÃ
7ˆssr…ÃSUU7
U…viˆ‡h…’Ã
Qh’y‚hqÃ
Q…‚pr††‚…Ã
WUQQ
U…viˆ‡h…’ÃQh‡uÃ
P‰r…urhqÃQ…‚pr††‚…Ã
SUPQ
U…viˆ‡h…’ÃU…hprÃ
7ˆssr…ÃSUU7
U…viˆ‡h…’Ã
Qh’y‚hqÃ
Q…‚pr††‚…Ã
WUQQ
U…viˆ‡h…’ÃQh‡uÃ
P‰r…urhqÃQ…‚pr††‚…Ã
SUPQ
U…viˆ‡h…’ÃU…hprÃ
7ˆssr…ÃSUU7
8T
Dƒˆ‡Ã
9r€ˆ‘
QPCb") d
Hvp…‚ƒ…‚pr††‚…Ã
D‡r…shpr


Similar Part No. - PM5362

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5362 PMC-PM5362 Datasheet
65Kb / 2P
VT/TU Payload Processor/Performance Monitor
More results

Similar Description - PM5362

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5342 PMC-PM5342 Datasheet
60Kb / 4P
SONET/SDH Payload Extractor/Aligner
PM5342 PMC-PM5342 Datasheet
3Mb / 558P
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER
PM5362 PMC-PM5362 Datasheet
65Kb / 2P
VT/TU Payload Processor/Performance Monitor
PM5363 PMC-PM5363 Datasheet
3Mb / 2P
SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR FOR 622 MBIT/S INTERFACES
PM5371 PMC-PM5371 Datasheet
313Kb / 2P
SONET/SDH TRIBUTARY UNIT CROSS CONNECT
PM5364 PMC-PM5364 Datasheet
68Kb / 2P
SONET/SDH Tributary Unit Payload Processor for 2488.32 Mbit/s
PM5369 PMC-PM5369 Datasheet
73Kb / 2P
Tributary Unit Payload Processor for 9953 Mbit/s
PM5342-1 PMC-PM5342-1 Datasheet
59Kb / 2P
SONET/SDH Payload Extractor/Aligner
PM5361TUPP PMC-PM5361TUPP Datasheet
363Kb / 108P
SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR
PM5371TUDX PMC-PM5371TUDX Datasheet
308Kb / 93P
SONET/SDH TRIBUTARY UNIT CROSS CONNECT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com