Electronic Components Datasheet Search
  English  ▼

X  

PM5363 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM5363
Description  SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR FOR 622 MBIT/S INTERFACES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5363 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM5363 Datasheet HTML 1Page - PMC-Sierra, Inc PM5363 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Head Office:
PMC-Sierra, Inc.
8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 604.415.6000
Fax: 604.415.6200
PM5363 TUPP+622
VT/TU Payload Processor/Performance Monitor for 622 Mbit/s
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn: Document Coordinator
All product documentation is available
on our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
PMC-1981272 (R3)
 2001 PMC-Sierra, Inc.
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
PM5363 TUPP+622
Optical
Tranceiver
Drop
Add
622 Mbit/s
Optical Interface
77.76 MHz
8-Bit
High-Speed
Telecombus
Interface
RXD +/-
TXD +/-
SD
ACK
AD[7:0], ADP[1]
APL[1]
AC1J1V1[1]
DD[7:0], DDP[1]
DCK
DPL[1]
DC1J1V1[1]
ID[7:0], IDP[1]
IC1J1[1]
HSCLK
IPL[1]
OD[7:0], ODP[1]
OC1J1V1[1]
OPL[1]
PM5313
SPECTRA-622
TYPICAL APPLICATIONS
STS-12/STM-4 AGGREGATE-INTERFACE WITH TRIBUTARY-PROCESSING AND
PERFORMANCE-MONITORING
Four
19.44 MHz
8-Bit
High-Speed
Telecombus
Interfaces
SCLK
Optical
Tranceiver
155 Mbit/s
Optical Interface
RXD +/-
TXD +/-
SD
ACK
AD[7:0], ADP
APL
AC1J1V1
DD[7:0], DDP
DCK
DPL
DC1J1V1
PM5342
SPECTRA-155
Optical
Tranceiver
155 Mbit/s
Optical Interface
RXD +/-
TXD +/-
SD
ACK
AD[7:0], ADP
APL
AC1J1V1
DD[7:0], DDP
DCK
DPL
DC1J1V1
PM5342
SPECTRA-155
Optical
Tranceiver
155 Mbit/s
Optical Interface
RXD +/-
TXD +/-
SD
ACK
AD[7:0], ADP
APL
AC1J1V1
DD[7:0], DDP
DCK
DPL
DC1J1V1
PM5342
SPECTRA-155
Optical
Tranceiver
155 Mbit/s
Optical Interface
RXD +/-
TXD +/-
SD
ACK
AD[7:0], ADP
APL
AC1J1V1
DD[7:0], DDP
DCK
DPL
DC1J1V1
PM5342
SPECTRA-155
ID[31:24], IDP[4]
IC1J1[4]
IPL[4]
OD[31:24], ODP[4]
OC1J1V1[4]
OPL[4]
ID[23:16], IDP[3]
IC1J1[3]
IPL[3]
OD[23:16], ODP[3]
OC1J1V1[3]
OPL[3]
ID[15:8], IDP[2]
IC1J1[2]
IPL[2]
OD[15:8], ODP[2]
OC1J1V1[2]
OPL[2]
ID[7:0], IDP[1]
IC1J1[1]
IPL[1]
OD[7:0], ODP[1]
OC1J1V1[1]
OPL[1]
PM5363 TUPP+622
SCLK
QUAD STS-3 (STM-1) AGGREGATE-INTERFACE WITH TRIBUTARY-PROCESSING AND
PERFORMANCE-MONITORING



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com