Electronic Components Datasheet Search
  English  ▼

X  

PM5365 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM5365
Description  High Density VT/TU Mapper and M13 Multiplexer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5365 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM5365 Datasheet HTML 1Page - PMC-Sierra, Inc PM5365 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PMC-1981411 (R2)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
 2001 PMC-Sierra, Inc.
PM5365
High Density VT/TU Mapper and M13 Multiplexer
TEMAP
FEATURES
• Monolithic device which integrates a
SONET/SDH VT1.5/VT2/TU-11/TU-12
bit asynchronous mapper with ingress
or egress performance monitoring, a
full featured M13 multiplexer with DS-3
framer, and a SONET/SDH DS-3
mapper in a single device.
• T1 tributary modes of operation:
1.
Single STS-1, AU3 or TUG3 Bit
Asynchronous VT1.5 or TU-11
Mapper with ingress or egress
link monitoring per T1 tributary.
2.
Up to 28 T1 streams M13 multi-
plexed into a DS-3, with the DS-3
then asynchronously mapped
into an STS-1/STM-0 SPE.
3.
DS-3 M13 Multiplexer with
ingress or egress link monitor-
ing per T1 tributary.
4.
Up to 28 DS-3 multiplexed T1
streams mapped as bit asyn-
chronous VT1.5 virtual tributar-
ies or TU-11 tributary units,
providing a transmultiplexing
function between M13 and
SONET/SDH.
5.
Up to 21 T1 streams mapped as
bit asynchronous VT2 virtual
tributaries into a STS-1 SPE or
TU-12 tributary units into a
STM-1/VC3 or TUG3 from a
STM-1/VC4.
• E1 tributary mode of operation consists
of a single STS-1, AU3 or TUG3 Bit
Asynchronous VT2 or TU-12 Mapper
with ingress or egress per tributary link
monitoring.
• Supports a byte-serial Scaleable
Bandwidth Interconnect (SBI™) bus
interface for high density system side
device interconnection of up to 84 T1
streams, 63 E1 streams, 3 DS-3
streams or 3 E3 streams.
• Interfaces with a byte-wide Telecom
Add/Drop bus, interfacing directly with
the PM5362 TUPP-PLUS and PM5342
SPECTRA-155.
• Up to 28 VT1.5/TU-11 or 21 VT2/TU-
12 tributaries can be passed as
transparent virtual tributaries (with
pointer processing) between the
SONET/SDH TelecomBus on the line
side and the SBI bus on the system
side.
• Supports the M23 and C-bit parity DS-
3 formats.
• Supports stand alone unchannelized
DS-3 framer mode for access to the
entire DS-3 payload. When configured
to operate as a DS-3 framer, gapped
transmit and receive clocks can be
optionally generated for interface to
link layer devices which only need
access to payload data bits.
• Provides an on-board programmable
pseudo-random binary sequence
(PRBS) generator and detector for
error testing at DS-3 rates and an on-
board pseudo-random binary
sequence generator and detector on
each tributary for error testing at either
DS1 or E1 rates.
• Supports jitter attenuation in both
ingress and egress directions on a per-
tributary basis.
• Supports performance monitoring in
either ingress or egress directions on a
per-tribuatry basis.
• Software compatible with the PM8315
TEMUX.
• Supports an IEEE P1149.1 JTAG test
port.
• Provides a 8-bit microprocessor bus
interface for configuration, control, and
status monitoring.
• Low power +2.5/3.3 V CMOS
technology.
• Available in a high density 324-pin
PBGA (23 mm by 23 mm) package.
•-40 oC to +85 oC Industrial
temperature operation.
APPLICATIONS
• SONET/SDH Add/Drop and Terminal
Multiplexers.
• DS-3 Transmultiplexers.
• Unchannelized DS-3 Frame Relay
Interfaces.
• M23 or C-bit parity M13 Mux/Demux
Equipment.
BLOCK DIAGRAM
Telecom
Bus
or
DS-3
M13
Multiplex
28xT1 or
21xE1 Clock
and Data
Scalable
Bandwidth
Interconnect
Bus
1xDS-3 Clock
and Data
or
or
or
Mapper
and
Telecom
Bus I/F
DS-3
Framer
with PRBS
x28 for T1/J1
x21 for E1
PRBS
PMON
PM5365 TEMAP
TJAT
RJAT


Similar Part No. - PM5365

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5365 PMC-PM5365 Datasheet
1Mb / 2P
VT/TU MAPPER AND M13 MULTIPLEXER
PM5365-PI PMC-PM5365-PI Datasheet
1Mb / 2P
VT/TU MAPPER AND M13 MULTIPLEXER
More results

Similar Description - PM5365

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5365 PMC-PM5365 Datasheet
1Mb / 2P
VT/TU MAPPER AND M13 MULTIPLEXER
PM5366 PMC-PM5366 Datasheet
2Mb / 267P
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PM8315 PMC-PM8315 Datasheet
2Mb / 2P
HIGH DENSITY T1/E1 FRAMER WITH INTEGRATED VT/TU MAPPER AND M13 MULTIPLEXER
PM8315 PMC-PM8315 Datasheet
53Kb / 2P
High Density T1/E1 Framer with Integrated VT/TU Mapper and M13 Mux
PM8316 PMC-PM8316 Datasheet
59Kb / 2P
High Density 84-Channel T1/E1/J1 Framer with Integrated VT/TU Mappers and M13
PM8312 PMC-PM8312 Datasheet
159Kb / 2P
High-Density 32-Channel T1/E1/J1 Framer with Integrated VT/TU Mapper & M13 Multiplexer
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328 Datasheet
1Mb / 96P
INTEGRATED 28-CHANNEL T1/E1 LIU/FRAMER, VT/TU MAPPER AND M13 MULTIPLEXER
logo
PMC-Sierra, Inc
PM8310 PMC-PM8310 Datasheet
267Kb / 2P
TEMUX 336 High Density T1/E1 Framer, VT/TU Mapper & M13 Mux with Integrated SONET/SDH Framers
PM8311 PMC-PM8311 Datasheet
232Kb / 2P
TEMUX 168 High Density T1/E1 Framer, VT/TU Mapper & M13 Mux with Integrated SONET/SDH Framers
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328_08 Datasheet
1Mb / 271P
28-CHANNEL SONET/SDH VT MAPPER REGISTER DESCRIPTION WITH M13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com