Electronic Components Datasheet Search
  English  ▼

X  

10PH Datasheet(PDF) 2 Page - Electronic devices inc.

Part # 10PH
Description  SINGLE-PHASE FULL WAVE BRIDGE 10 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

10PH Datasheet(HTML) 2 Page - Electronic devices inc.

  10PH Datasheet HTML 1Page - Electronic devices inc. 10PH Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1
FIG.2
CURRENT DERATING
6
12
4
8
2
10
0
0
25
50
75
100
125
150
TL
TC
HEAT SINK MOUNTING
BRIDGE OUTPUT
RES.-IND. LOADS
Derate current by 20% for capacitive loads
(
OC)
TEMPERATURE
65O
NUMBER OF CYCLES AT 60 CPS
1
2
5
10
20
50
100
500
10
20
50
100
200
1000
NON-REPETITIVE SURGE CURRENT
.220
.160
.700
.260
.205
.052
.085
.185
.455
.280
.935
.180
.140
.660
.180
.185
.048
.065
.165
.405
.260
.895
1.0Min
.760Max.
.075R.Typ.
(2 Places)
CASE STYLE FOR 10PH
21 GRAY OAKS AVENUE
* YONKERS. NEW YORK 10710 914-965-4400
* FAX 914-965-5531
* 1-800-678-0828
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
LEADS
3/8
P
BOARD MOUNTING
WITH
C
10PH
65O
Ee-mail:sales@edidiodes.com Wwebsite: http://www.edidiodes.com
*
INTEGRAL HEAT SINK
Dielectric test voltage 2500 volts rms, Max. 50-60Hz
NOTE
Maximum lead and terminal temperature for soldering, 3/8 inch from case 5 seconds at 250 C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com