Electronic Components Datasheet Search
  English  ▼

X  

PM5372 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM5372
Description  40 Gbit/s Transport Switching Element
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5372 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM5372 Datasheet HTML 1Page - PMC-Sierra, Inc PM5372 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PM5372
Preliminary
PMC-Sierra,Inc.
40 Gbit/s Transport Switching Element
TSE
PMC-2000328 (P1)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
© Copyright PMC-Sierra, Inc. 2000
FEATURES
• Implements a Time-Space-Time fabric
with STS-1/AU-3 granularity.
• Provides 64 ingress STS-12 equivalent
ports for a total of 64*12 = 768 STS-1
flows.
• Supports non-blocking permutation
switching of 768 STS-1 flows at STS-1
granularity.
• Provides 64 egress STS-12 equivalent
ports consisting of 768 STS-1 flows.
• Interfaces to STS-48 and STS-192
devices by aggregating 4 and 16 STS-
12 equivalent flows respectively.
• Supports multicast and broadcast of
STS-1 streams.
• Supports STS-12 equivalent flows with
an extended 8B/10B protocol over
777.6 MHz LVDS links.
• Supports multi-plane (inverse
multiplexed) switch architectures in
conjunction with the PM5310 TBS
device and PM7390 S/UNI®-MACH48.
• Recovers clock and data at each
ingress port, synchronizes with an
internal 77.76 MHz clock, and
produces egress streams with a
common 777.6 MHz clock.
• Detects and reports inactive or erred
LVDS links via the microprocessor
interface.
• Supports two sets of switch settings
and a controlled method of changing
settings on STS-1 frame boundaries.
• Supports multiple fabric architectures
that range from 40 Gbit/s (1 TSE) to
160 Gbit/s (4 TSE devices) in a single
stage, and up to 2.5 Tbit/s using multi-
stage fabrics.
• Ingress to egress STS-1 switching
latency of approximately 900 ns.
• Supported by an efficient algorithm to
compute control settings for all
permutation loads for all supported
fabric architectures. Algorithms are
also available for multicast/broadcast
allocation.
• 1.8 V CMOS core and 3.3 V
CMOS/LVDS input/output.
• Requires no external RAMs or logic
parts.
• Provides a standard IEEE 1149.1
JTAG port.
• Power Consumption of 13 W
(maximum).
• Packaged in a 520 pin 40mm by 40mm
UltraBGA.
• Supports a 16-bit microprocessor
interface which is used to initialize the
device, to write switch settings into on-
chip control tables, and to monitor
device performance.
JTAG
RN[4]
Rx 8b/10b
Frame Aligner
R8FA#3
Data
Recovery Unit
DRU #3
LVDS
Receiver
RXLV #3
Rx 8b/10b
Frame Aligner
R8FA#4
Data
Recovery Unit
DRU #4
LVDS
Receiver
RXLV #4
Rx 8b/10b
Frame Aligner
R8FA#2
Data
Recovery Unit
DRU #2
LVDS
Receiver
RXLV #2
Rx 8b/10b
Frame Aligner
R8FA#1
Data
Recovery Unit
DRU #1
LVDS
Receiver
RXLV #1
RP[4]
RN[3]
RP[3]
RN[2]
RP[2]
RN[1]
RP[1]
Egress
Time
Switch
Element
ETSE
#16
LVDS
Transmitter
TXLV #63
Serializer
PISO #63
Tx 8b/10b
Disp. Encoder
T8DE#63
LVDS
Transmitter
TXLV #64
Serializer
PISO #64
Tx 8b/10b
Disp. Encoder
T8DE#64
LVDS
Transmitter
TXLV #62
Serializer
PISO #62
Tx 8b/10b
Disp. Encoder
T8DE#62
LVDS
Transmitter
TXLV #61
Serializer
PISO #61
Tx 8b/10b
Disp. Encoder
T8DE#61
TP[61]
TN[61]
TP[62]
TN[62]
TP[63]
TN[63]
TP[64]
TN[64]
Egress
Time
Switch
Element
ETSE
#1
LVDS
Transmitter
TXLV #3
Serializer
PISO #3
Tx 8b/10b
Disp. Encoder
T8DE#3
LVDS
Transmitter
TXLV #4
Serializer
PISO #4
Tx 8b/10b
Disp. Encoder
T8DE#4
LVDS
Transmitter
TXLV #2
Serializer
PISO #2
Tx 8b/10b
Disp. Encoder
T8DE#2
LVDS
Transmitter
TXLV #1
Serializer
PISO #1
Tx 8b/10b
Disp. Encoder
T8DE#1
TP[1]
TN[1]
TP[2]
TN[2]
TP[3]
TN[3]
TP[4]
TN[4]
CSTR
Clock
Synthesizer
CSU
LVDS Transmit
Reference
TXREF
Cross-
bar
Space
Switch
Element
SSWT
Rx 8b/10b
Frame Aligner
R8FA#63
Data
Recovery Unit
DRU #63
LVDS
Receiver
RXLV #63
RN[63]
RP[63]
RN[64]
Rx 8b/10b
Frame Aligner
R8FA#64
Data
Recovery Unit
DRU #64
LVDS
Receiver
RXLV #64
RP[64]
Rx 8b/10b
Frame Aligner
R8FA#61
Data
Recovery Unit
DRU #61
LVDS
Receiver
RXLV #61
RN[61]
RP[61]
Rx 8b/10b
Frame Aligner
R8FA#62
Data
Recovery Unit
DRU #62
LVDS
Receiver
RXLV #62
RN[62]
RP[62]
Microprocessor
Interface
Ingress
Time
Switch
Element
ITSE
#16
Ingress
Time
Switch
Element
ITSE #1
BLOCK DIAGRAM


Similar Part No. - PM5372

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5370 PMC-PM5370 Datasheet
62Kb / 2P
SONET/SDH Wideband Cross-Connect
PM5371 PMC-PM5371 Datasheet
74Kb / 2P
VT/TU Cross-Connect Switch
PM5371 PMC-PM5371 Datasheet
313Kb / 2P
SONET/SDH TRIBUTARY UNIT CROSS CONNECT
PM5371-RI PMC-PM5371-RI Datasheet
313Kb / 2P
SONET/SDH TRIBUTARY UNIT CROSS CONNECT
PM5371-RI PMC-PM5371-RI Datasheet
308Kb / 93P
SONET/SDH TRIBUTARY UNIT CROSS CONNECT
More results

Similar Description - PM5372

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5307 PMC-PM5307 Datasheet
312Kb / 2P
9.953 Gbit/s Telecom Bus Serializer
PM7325 PMC-PM7325 Datasheet
46Kb / 2P
2.4 Gbit/s ATM Layer Solution
PM73488 PMC-PM73488 Datasheet
69Kb / 4P
5 Gbit/s ATM Switch Fabric Element
PM73488 PMC-PM73488 Datasheet
1Mb / 135P
5 Gbit/s ATM Switch Fabric Element
logo
Hynix Semiconductor
GDC21D301A HYNIX-GDC21D301A Datasheet
861Kb / 35P
Transport Decoder
logo
Infineon Technologies A...
V23814-K1306-M136 INFINEON-V23814-K1306-M136 Datasheet
610Kb / 27P
PAROLI Tx AC, 1.25 Gbit/s
2001-12-01
V23814-U1306-M136 INFINEON-V23814-U1306-M136 Datasheet
748Kb / 29P
PAROLI Tx AC, 1.6 Gbit/s
2002-05-14
FOA1252A1 INFINEON-FOA1252A1 Datasheet
197Kb / 16P
2.5 Gbit/s Transimpedance Amplifier
July 1998
logo
List of Unclassifed Man...
GD16571 ETC-GD16571 Datasheet
115Kb / 7P
2.5 GBIT/S RETIMING LASER DRIVER
logo
PMC-Sierra, Inc
PM73488-1 PMC-PM73488-1 Datasheet
59Kb / 2P
5 Gbit/s ATM Switch Fabric Element
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com