Electronic Components Datasheet Search
  English  ▼

X  

CRVT Datasheet(PDF) 2 Page - Electronic devices inc.

Part # CRVT
Description  HIGH VOLTAGE SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

CRVT Datasheet(HTML) 2 Page - Electronic devices inc.

  CRVT Datasheet HTML 1Page - Electronic devices inc. CRVT Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
100
75
50
25
0
0
25
50
75
100
125
150
FIG.1
OUTPUT CURRENT vs AMBIENT TEMPERATURE
FIG.2
NON- REPETITIVE SURGE CURRENT
0.1SEC
1.0SEC
100
75
50
25
0
1
2
3
4
5 6 7
9 10
20
30
40 50 60
8
CYCLES(60 Hz)
CRVT
21 GRAY OAKS AVENUE
* YONKERS. NEW YORK 10710 914-965-4400
* FAX 914-965-5531
* 1-800-678-0828
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
AMBIENT TEMPERATURE
O
( C)
REVERSE RECOVERY TEST METHOD
FIG.4
RECOVERY WAVE FORM
RECOVERY WA VE FORM
IF=2MA
rr
D.U.T.
SCOPE
50
N I
N I
I R=5MA
T
I RR=1MA
WAVE FORMS
PULSE
GENERATOR
CIRCUIT
1000
0.1
FIG.3
C
MIN.
A LEAD DIA.
B
D
MECHANICAL
SOLDER DIPPED COPPER LEADS
INCHES
MM
A
0.02
0.5
B
0.60
15.2
C
1.00
25.4
D
0.16
4.0
Ee-mail:sales@edidiodes.com Wwebsite:http:// www.edidiodes.com
*
-
EDI reserves the right to change these specifications at any time without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com