Electronic Components Datasheet Search
  English  ▼

X  

PM5381 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM5381
Description  SATURN USER NETWORK INTERFACE FOR 2488 MBIT/S
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5381 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM5381 Datasheet HTML 1Page - PMC-Sierra, Inc PM5381 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PM5381
Preliminary
PMC-Sierra,Inc.
SATURN® User Network Interface for 2488 Mbit/s
S/UNI®-2488
PMC-2000453 (p2)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
© Copyright PMC-Sierra, Inc. 2000
FEATURES
• Single chip ATM and POS User-
Network Interface operating at 2488.32
Mbit/s.
• Implements the ATM Forum User
Network Interface Specification and
the ATM physical layer for Broadband
ISDN according to CCITT
Recommendation I.432.
• Implements the Point-to-Point Protocol
(PPP) over SONET/SDH specification
according to RFC 2615(1619)/1662 of
the PPP Working Group of the Internet
Engineering Task Force (IETF).
• Processes bit-serial 2488.32 Mbit/s
STS-48 (STM-16-16c) data streams
with on-chip clock and data recovery
and clock synthesis.
• Complies with Bellcore GR-253-CORE
jitter tolerance, jitter transfer and
intrinsic jitter criteria.
• Provides termination for SONET
Section, Line and Path overhead or
SDH Regenerator Section, Multiplexer
Section and High Order Path
overhead.
• Provides UTOPIA Level 3 32-bit wide
System Interface (clocked up to
104 MHz) with parity support for ATM
applications.
• Provides SATURN POS-PHY
Level 3™ 32-bit System Interface
(clocked up to 104 MHz) for Packet
over SONET (POS), or ATM
applications.
• Supports line loopback from the line
side receive stream to the transmit
stream and diagnostic loopback from
the line side transmit stream to the line
side receive stream interface.
• Provides support for automatic
protection switching including a bi-
directional 4-bit LVDS 777.76 MHz
port.
• Provides a standard five signal IEEE
1149.1 JTAG test port for boundary
scan board test purposes.
• Provides a generic 16-bit
microprocessor bus interface for
configuration, control, and status
monitoring.
PGMRCLK
POSL3_UL3B
SD
RXD+/-
OOF
RCLK
TCLK
PGMTCLK
TXD+/-
REFCLK+/-
Microprocessor
Interface
JTAG
Rx Line
Interface
Tx Line
Interface
Rx Path O/H
Processor
Tx Path
O/H
Processor
ATM/HDLC
Processor
UTOPIA
Level 3 /
POS Level
3 Transmit
Interface
FIFO
RX
Transport
O/H
Processor
Rx APS Sync
Extractor &
Bit Error
Monitor
Section
Trace
Processor
Rx LVDS
Interface
Rx APS
Rx Telecom
Aligner
Tx
Transport
O/H
Processor
Section
Trace
Processor
Tx LVDS
Interface
Path
Trace
Processor
ATM/HDLC
Processor
UTOPIA
Level 3 /
POS Level
3 Receive
Interface
FIFO
SALM
RALM
SONET/SDH
Alarm
Reporting
Controller
Tx APS
Path
Trace
Processor
PRBS
Generator/
Monitor
TENB
TCA/PTPA
TSOC/TSOP
TPRTY
TFCLK
TDAT[31:0]
TERR
TEOP
TMOD[1:0]
RENB
RCA/RVAL
RSOC/RSOP
RPRTY
RFCLK
RDAT[31:0]
RSX
RERR
REOP
RMOD[1:0]
Analog
C0 C1
C2 C3
RES_RESK
ATP[3:0]
BLOCK DIAGRAM


Similar Part No. - PM5381

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5381 PMC-PM5381 Datasheet
57Kb / 2P
SATURN User Network Interface for 2488 Mbit/s
More results

Similar Description - PM5381

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5345 PMC-PM5345 Datasheet
70Kb / 2P
S/UNI-155 SATURN USER NETWORK INTERFACE
PM5345 PMC-PM5345 Datasheet
617Kb / 2P
SATURN USER NETWORK INTERFACE
PM5346 PMC-PM5346 Datasheet
536Kb / 2P
SATURN USER NETWORK INTERFACE(155.52 & 51.84 Mbit/s)
PM5347 PMC-PM5347 Datasheet
909Kb / 2P
SATURN USER NETWORK INTERFACE PLUS(155.52 MBIT/S & 51.84 MBIT/S,
PM5348 PMC-PM5348 Datasheet
948Kb / 2P
SATURN USER NETWORK INTERFACE(155.52 & 51.84 MBIT/S)
PM5350 PMC-PM5350 Datasheet
630Kb / 2P
SATURN USER NETWORK INTERFACE(155.52 & 51.84 MBIT/S)
PM5381 PMC-PM5381 Datasheet
57Kb / 2P
SATURN User Network Interface for 2488 Mbit/s
PM5392 PMC-PM5392 Datasheet
41Kb / 2P
SATURN User Network Interface for 9.953 Gbit/s
PM5346S PMC-PM5346S Datasheet
536Kb / 145P
SATURN USER NETWORK INTERFACE
PM5350-1 PMC-PM5350-1 Datasheet
617Kb / 196P
SATURN USER NETWORK INTERFACE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com