Electronic Components Datasheet Search
  English  ▼

X  

DR500 Datasheet(PDF) 1 Page - Electronic devices inc.

Part # DR500
Description  FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

DR500 Datasheet(HTML) 1 Page - Electronic devices inc.

  DR500 Datasheet HTML 1Page - Electronic devices inc. DR500 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DR 300 DR1500
ELECTRICAL CHARACTERISTICS (at TA =25 C Unless Otherwise Specified)
NOTES:
o
FAST RECOVERY HIGH VOLTAGE 25mA
MINIATURE SILICON RECTIFIERS
Average Rectified Forward Current @ 50
oC, I
O
Max. Peak Surge Current, I FSM
Max. Forward Voltage Drop @ 25 m
A, VF
Max. DC Reverse Current @ PRV and 25
oC, IR
Max. DC Reverse Current @ PRV and 100
oC, I R
Ambient Operating Temperature Range, TA
Storage Temperature Range, TSTG
25 mA
3 Amp
26Volts
1
25
-55
oC to +125 oC
-55
oC to +150 oC
A
A
(8.3ms) (Fig.2)
RR
100nanosec
EDI
Type
PRV
Volts
COLOR
CODE DOT
DR300
3,000
Orange
DR500
5,000
Green
DR800
8,000
Gray
DR1000
10,000
Red
DR1200
12,000
Blank
(Fig.1)
15,000
White
DR1500
SMALL SIZE MOLDED PACKAGE
PRV 3,000 TO 15,000 VOLTS
AVALANCHE CHARACTERISTICS
LOW LEAKAGE
Max. Reverse Recovery, T
(Fig.4)
1.It is recommended that a proper heat sink be used on the terminals of this device between the body and
soldering point to prevent damage from excess heat.
2.If operated over 10,000v/inch in length, devices should be immersed in oil or re - encapsulated.
EDI reserves the right to change these specifications at any time without notice.


Similar Part No. - DR500

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
DR5000 RFM-DR5000 Datasheet
117Kb / 4P
916.50 MHz Receiver Module
logo
Gaomi Xinghe Electronic...
DR5000 GXELECTRONICS-DR5000 Datasheet
532Kb / 2P
Rating at 25??Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
logo
Murata Manufacturing Co...
DR5000 MURATA-DR5000 Datasheet
288Kb / 4P
916.50 MHz Transceiver Module
logo
Danisense A/S
DR5000IM DANISENSE-DR5000IM Datasheet
889Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DR Series current transducer for non-intrusive, isolated DC and AC current measurement up to 8000A
2022-11-24
DR5000UX-10V_5000A DANISENSE-DR5000UX-10V_5000A Datasheet
939Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DR Series current transducer for non-intrusive, isolated DC and AC current measurement up to 5500A
2022-11-24
More results

Similar Description - DR500

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
DD300 SEMTECH-DD300 Datasheet
93Kb / 2P
FAST RECOVERY HIGH VOLTAGE SILICON RECTIFIERS
logo
Fuji Electric
CS57-04A FUJI-CS57-04A Datasheet
32Kb / 2P
Fast Recovery High Voltage Silicon Rectifiers
logo
Electronic devices inc.
DL1200 EDI-DL1200 Datasheet
37Kb / 2P
FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS
logo
First Components Intern...
FR02 FCI-FR02 Datasheet
93Kb / 2P
HIGH VOLTAGE, FAST RECOVERY MINIATURE PLASTIC RECTIFIERS
logo
Electronic devices inc.
RVF EDI-RVF Datasheet
45Kb / 2P
FAST RECOVERY - HIGH VOLTAGE HIGH CURRENT SILICON RECTIFIERS
SR300 EDI-SR300 Datasheet
44Kb / 2P
FAST RECOVERY,100ns. HIGH VOLTAGE 25ma,MINIATURE SILICON RECTIFIERS
logo
Edal Industries, Inc.
BR757 EDAL-BR757 Datasheet
55Kb / 1P
SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
BS757 EDAL-BS757 Datasheet
55Kb / 1P
SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
BT757 EDAL-BT757 Datasheet
50Kb / 1P
SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
BU757 EDAL-BU757 Datasheet
50Kb / 1P
SUB- MINIATURE SILICON HIGH VOLTAGE ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com