Electronic Components Datasheet Search
  English  ▼

X  

PM5381 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM5381
Description  SATURN User Network Interface for 2488 Mbit/s
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5381 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM5381 Datasheet HTML 1Page - PMC-Sierra, Inc PM5381 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Head Office:
PMC-Sierra, Inc.
#105 - 8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 604.415.6000
Fax: 604.415.6200
SATURN® User Network Interface for 2488 Mbit/s
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn: Document Coordinator
All product documentation is available
on our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
PMC-2000453 (p2)
© Copyright PMC-Sierra,
Inc. 2000. All rights reserved.
March 2000
SATURN and S/UNI are
registered trademarks of
PMC-Sierra, Inc. POS-PHY
Level 3 is a trademark of
PMC-Sierra, Inc.
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
Preliminary
PM5381 S/UNI®-2488
• Low power 1.8 V CMOS core logic with
3.3 V CMOS/TTL compatible digital
inputs and digital outputs. High speed
inputs and outputs are 3.3 V
PECL/CML compatible.
• Industrial temperature range (-40° C to
+85° C).
• 416 pin UBGA package.
APPLICATIONS
• ATM and Multiservice Switches,
Routers, and Switch/Routers.
• SONET/SDH Add/Drop Multiplexers
with data processing capabilities
•Uplink Cards.
• SONET/SDH ATM/POS Test
Equipment.
TYPICAL APPLICATION
STS-48 (STM-16-16C) ATM (UTOPIA LEVEL 3) SWITCH PORT APPLICATION
STS-48 (STM-16-16C) PACKET OVER SONET (POS-PHY LEVEL 3) ROUTER APPLICATION
ATM Layer Device
PM5381
S/UNI-2488
POSL3_UL3B
0
TXD+/-
SD
RXD+/-
2488
Mbit/s
2488
Mbit/s
TFCLK
TxClk
TENB
TxEnb
TCA
TxClav
TSOC
TxSOC
TPRTY
TxPrty
TDAT[31:0]
TxData[31:0]
RDAT[31:0]
RxData[31:0]
RFCLK
RxClk
RENB
RxEnb
RCA
RxClav
RSOC
RxSOC
RPRTY
RxPrty
2488 Mbit/s
PECL/CML
Optical
Transceiver
PM5381
S/UNI-2488
Link Layer Device
POSL3_UL3B
1
RXD+/-
TXD+/-
SD
Optical
Transceiver
RDAT[31:0]
RDAT[31:0]
RMOD[1:0]
RMOD[1:0]
REOP
REOP
RERR
RERR
RVAL
RVAL
RPRTY
RPRTY
RSOP
RSOP
RSX
RSX
RENB
RENB
RFCLK
RFCLK
TFCLK
TFCLK
TENB
TENB
DTPA
DTPA
TSOP
TSOP
TPRTY
TPRTY
TDAT[31:0]
TDAT[31:0]
TMOD[1:0]
TMOD[1:0]
TEOP
TEOP
TERR
TERR
2488
Mbit/s
2488
Mbit/s
2488 Mbit/s
PECL/CML



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com