Electronic Components Datasheet Search
  English  ▼

X  

PY40F Datasheet(PDF) 2 Page - Electronic devices inc.

Part # PY40F
Description  12 AMPERES HIGH SURGE TAB TERMINALS SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

PY40F Datasheet(HTML) 2 Page - Electronic devices inc.

  PY40F Datasheet HTML 1Page - Electronic devices inc. PY40F Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Figure 1
CURRENT
DERATING
Figure 2
Figure 3
NON-REPETITIVE SURGE
CURRENT
POWER DISSIP ATION
100
50
1
2
3
4
6
10
20
30 40
60
8
NUMBER OF CYCLES(60 Hz)
IF(AV). AVERAGE FORWARD CURRENT (AMP)
0
0
2
4
6
8
BRIDGE OUTPUT
RES IND LOADS
SERIES MECH. OUTLINE
21 GRAY OAKS AVENUE
* YONKERS. NEW YORK 10710 914-965-4400
* FAX 914-965-5531
* 1-800-678-0828
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
0
2
4
40
60
80
100
120
140
160
BRIDGE OUTPUT
RES IND LOADS
O
TC CASE TEMPERATURE
( C)
50
70
90
110
130
150
6
8
10
12
20
30
70
150
200
300
80 100
Dielectric test voltage 1500 volts rms, max. 50-60Hz
4
8
12
16
20
24
10
12
I(AV)
I(PK)
=
{ 510
20
NOTE: I(PK) / I (AV ) ratio
refers to a single diode (leg)
NOTE: 1. A thin film of silicone thermal compound is recommended between the Minibridge
case and mounting surface for improved thermal conduction.
DY-F
PY-F
Ee-mail:sales@edidiodes.comWwebsite:http:// www.edidiodes.com
*
CAPACITIVE
LOADS
28
+
.85 MAX.
.150 DIA.
THRU
AC
.30 MAX.
AC
METAL BASE
EPOXY
,
.250 x .032 TH K
FASTON
4 PLACES
.50 MAX.
400



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com