Electronic Components Datasheet Search
  English  ▼

X  

FPIR32 Datasheet(PDF) 1 Page - Electronic devices inc.

Part # FPIR32
Description  FAST RECOVERY, 32, 40 and 50 AMPERES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

FPIR32 Datasheet(HTML) 1 Page - Electronic devices inc.

  FPIR32 Datasheet HTML 1Page - Electronic devices inc. FPIR32 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FPIR32 MPIR40 KPIR50
INTEGRALLY MOLDED
HEAT SINKS
PROVIDE VERY LOW
THERMAL RESISTANCE
MINIBRIDGE
FAST RECOVERY, 32, 40 and 50 AMPERES
This mark indicates recognition under the component
program of Underwriters Laboratories, inc.
SERIES
50V
100V
200V
400V
600V
800V
1000V
FPIR SERIES
MPIR SERIES
FPIR 3205
MPIR 4005
FPIR 3210
MPIR 4010
FPIR 3220
MPIR 4020
FPIR 3240
MPIR 4040
FPIR 3260
MPIR 4060
FPIR 3280
MPIR 4080
FPIR 32100
MPIR 40100
1.4
100
250
-55 to+150
Volts
Amp
1.5 typ.
UNITS
Nns.
oC/W
1.2 typ.
1.4
240
100
10
10
320
250
FPIR 32
MPIR 40
SERIES
I =12A (300 sec pulse)
F
C IR
C
IR
FSM (8.3ms) (Fig.2)
Max.Forward Voltage Drop,V @
F
Max.DC Reverse Current @ PRV and 25
,
Max.DC Reverse Current @ PRV and 100
,
Max.Peak Surge Current, l
Average Output Current, lo@ Tc(Fig.1)
Storage Temperature Range,TSTG
Ambient Operating Temperature Range,TA
Thermal Resistance (Total Bridge), R0 j-c
-
Max. Reverse Recovery Time,Trr (Fig.3)
A
oC
oC
32
40
-55 to+150
Amp
ELECTRICAL CHARACTERISTICS PER LEG
(at TA=25 C U nle ss O the rwis e Sp ecif ied )
A
EDI reserves the rightto change these specifications at any time without notice.
KPIR SERIES KPIR 5005 KPIR 5010
KPIR 5020
KPIR 5040
KPIR 5060
KPIR 5080
KPIR 50100
KPIR 50
50
15
1.4
150
900
250
0.8 typ.
Our unique case construction enables the closer molding of integrated heat sink to the
active components for a superior thermal transfer and lower junction temperatures.


Similar Part No. - FPIR32

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
FPI SHIELD-FPI Datasheet
289Kb / 2P
MAGNETIC SWITCHES
logo
Electronic devices inc.
FPI-W EDI-FPI-W Datasheet
66Kb / 2P
40/50 AMPERES BRIDGE RECTIFIERS WIRE LEADS FOR PC BOARDS
logo
STEGO Elektrotechnik Gm...
FPI018 STEGO-FPI018 Datasheet
562Kb / 2P
FILTER FAN PLUS – DC LINE
29.01.2020
FPI018 STEGO-FPI018 Datasheet
527Kb / 2P
FILTER FAN PLUS – DC LINE
29.01.2020
FPI018 STEGO-FPI018 Datasheet
516Kb / 2P
FILTER FAN PLUS – DC LINE
29.01.2020
More results

Similar Description - FPIR32

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CC2403500N POWEREX-CC2403500N Datasheet
64Kb / 2P
Super Fast Recovery Dual Diode Modules 50 Amperes/300-600 Volts
CC24500N POWEREX-CC24500N Datasheet
64Kb / 2P
Super Fast Recovery Dual Diode Modules 50 Amperes/300-600 Volts
CN240650 POWEREX-CN240650 Datasheet
72Kb / 4P
Fast Recovery Dual Diode Modules 50 Amperes/600-1200 Volts
CN2450 POWEREX-CN2450 Datasheet
72Kb / 4P
Fast Recovery Dual Diode Modules 50 Amperes/600-1200 Volts
CS240650 POWEREX-CS240650 Datasheet
74Kb / 4P
Fast Recovery Single Diode Modules 50 Amperes/600-1200 Volts
RM50HG-12S POWEREX-RM50HG-12S Datasheet
68Kb / 2P
Super Fast Recovery Single Diode (50 Amperes/600 Volts)
logo
Rectron Semiconductor
FR151 RECTRON-FR151 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
FR201 RECTRON-FR201 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
FR251 RECTRON-FR251 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.5 Amperes)
FR301 RECTRON-FR301 Datasheet
25Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com