Electronic Components Datasheet Search
  English  ▼

X  

PM5384 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM5384
Description  Single Channel OC-3c ATM and POS Physical Layer Device
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5384 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM5384 Datasheet HTML 1Page - PMC-Sierra, Inc PM5384 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PM5384
Advance
Single Channel OC-3c ATM and POS Physical Layer Device
S/UNI®-1x155
PMC-2011690 (A1)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
© Copyright PMC-Sierra, Inc. 2001.
FEATURES
• Single chip ATM and Packet over
SONET/SDH Physical Layer Device
operating at 155.52 Mbit/s.
• Implements the ATM Forum User
Network Interface (UNI) and the ATM
physical layer for Broadband ISDN
according to CCITT Recommendation
I.432.
• Implements Point-to-Point Protocol
(PPP) over SONET/SDH according to
RFC 2615.
• Processes duplex bit-serial 155.52
Mbit/s STS-3c/STM-1 data streams
with on-chip clock and data recovery
and clock synthesis.
• Complies with Bellcore GR-253-CORE
(1995 Issue) jitter tolerance, jitter
transfer and intrinsic jitter criteria.
• Provides control circuitry required to
comply with Bellcore GR-253-CORE
WAN clocking requirements related to
wander transfer, holdover and long
term stability when using an external
VCXO.
• Provides a UTOPIA Level 2, 8-bit wide
system interface (clocked up to 52
MHz) with parity support for ATM
applications.
• Provides a UTOPIA Level 2, 16-bit
wide system interface (clocked up to
52 MHz) with parity support for ATM
applications.
• Provides a SATURN POS-PHY Level
2, 16-bit system interface (clocked up
to 52 MHz) for Packet over
SONET/SDH (POS) applications
(similar to UTOPIA Level 2, but
adapted for packet transfer).
• Provides support functions for 1+1
APS operation.
GENERAL
• Provides a standard 5 signal IEEE
1149.1 JTAG test port for boundary
scan board test purposes.
• Provides a generic 8-bit
microprocessor bus interface for
configuration, control and status
monitoring.
• Low power 2.5/3.3 V CMOS with 5 V
TTL-compatible digital inputs/outputs
(PECL inputs/outputs are 3.3 V and
5 V compatible).
• Industrial temperature range (-40°C to
+85°C).
• 15 mm x15 mm 196 pin stPBGA
package with 1 mm ball pitch.
APPLICATIONS
• Routers and Layer 3 Switches.
• 3G Wireless Base Station Controllers.
• DSLAM Uplinks.
• WAN and Edge ATM switches.
• LAN switches and hubs.
• Packet switches and hubs.
• Network Interface Cards and Uplinks.
BLOCK DIAGRAM
External
APS
Interface
Rx
Line O/H
Processor
Tx
Line O/H
Processor
Tx
Section O/H
Processor
Section
Trace Buffer
Rx
Section O/H
Processor
WAN
Synch.
Sync Status,
BERM
Section/
Line DCC
Insertion
Section/
Line DCC
Extraction
Microprocessor Interface
Test Data
JTAG Test
Access Port
Rx
ATM Cell
Processor
Rx
POS Frame
Processor
Rx
Path O/H
Processor
Tx
Path O/H
Processor
Tx
POS Frame
Processor
Tx
ATM Cell
Processor
Path
Trace Buffer
155.52 Mbit/s
UTOPIA Level 1
8-bit x 52 MHz
UTOPIA Level 2
POS-PHY Level 2
16-bit x 52 MHz
16-bit
Microprocessor
Bus


Similar Part No. - PM5384

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM538 ARTESYN-PM538 Datasheet
65Kb / 3P
Single, dual and triple output 1 to 10.5 Watt AC/DC encapsulated modules
logo
PMC-Sierra, Inc
PM5381 PMC-PM5381 Datasheet
2Mb / 2P
SATURN USER NETWORK INTERFACE FOR 2488 MBIT/S
PM5381 PMC-PM5381 Datasheet
57Kb / 2P
SATURN User Network Interface for 2488 Mbit/s
PM5381-BI PMC-PM5381-BI Datasheet
2Mb / 2P
SATURN USER NETWORK INTERFACE FOR 2488 MBIT/S
PM5382 PMC-PM5382 Datasheet
36Kb / 2P
16-Channel OC-3c ATM and POS Physical Layer Device
More results

Similar Description - PM5384

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5349 PMC-PM5349 Datasheet
72Kb / 4P
Quad 155 Mb/s ATM Physical Layer Device
PM5356 PMC-PM5356 Datasheet
63Kb / 4P
622 Mbit/s ATM Physical Layer Device
PM5357 PMC-PM5357 Datasheet
64Kb / 4P
622 Mbit/s ATM and Packet Over SONET Physical Layer Device
PM5358 PMC-PM5358 Datasheet
39Kb / 2P
Quad Channel OC-12c ATM and POS Physical Layer Device
PM5382 PMC-PM5382 Datasheet
36Kb / 2P
16-Channel OC-3c ATM and POS Physical Layer Device
PM5390 PMC-PM5390 Datasheet
100Kb / 2P
10 Gbit/s Physical Layer Device for POS, ATM and Ethernet
PM7375 PMC-PM7375 Datasheet
1Mb / 430P
LOCAL ATM SAR & PHYSICAL LAYER
PM5349-1 PMC-PM5349-1 Datasheet
60Kb / 2P
Quad 155 Mb/s ATM Physical Layer Device
PM5356-1 PMC-PM5356-1 Datasheet
36Kb / 2P
622 Mbit/s ATM Physical Layer Device
PM5357-1 PMC-PM5357-1 Datasheet
35Kb / 2P
622 Mbit/s ATM and Packet Over SONET Physical Layer Device
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com