Electronic Components Datasheet Search
  English  ▼

X  

KVF10 Datasheet(PDF) 1 Page - Electronic devices inc.

Part # KVF10
Description  500 mA SILICON RECTIFIERS HIGH VOLTAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

KVF10 Datasheet(HTML) 1 Page - Electronic devices inc.

  KVF10 Datasheet HTML 1Page - Electronic devices inc. KVF10 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KVF
DIFFUSED SILICON JUNCTIONS
PRV 5,000 TO 30,000 VOLTS
AVALANCHE CHARACTERISTICS
LOW LEAKAGE
15
Storage Temperature Range, TSTG
A
0.1
Max. DC Reverse Current @ PRV and 100
oC, I
R
ELECTRICAL CHARACTERISTICS(at TA =25 C Unless Otherwise Specified)
500 mA SILICON RECTIFIERS
HIGH VOLTAGE
EDI Type No.
Peak
Reverse Voltage
PRV (Volts)
Length L
KVF 5
5,000
1.00
6
9
10,000
15
15,000
1.63
2.00
2.50
2.50
12
17
-55
to +175
oC
oC
A
FIG. 3
Inches
MM
KVF 7.5
KVF 10
KVF 12.5
KVF 15
KVF 20
KVF 25
KVF 30
20,000
25,000
30,000
22
28
34
3.20
4.50
4.50
25.40
41.40
50.80
63.50
63.50
81.28
114.30
114.30
Max. Reverse Recovery Time , T
(Fig.4)
Amps
Ambient Operating Temperature Range,TA
50
Forward Voltage Repetitive Peak, IFRM
Max.One-Half Cycle Surge Current, IFM (Surge )@ 60Hz
Amps
2
Max. DC Reverse Current @ PRV and 25
oC, I
R
-55
to +175
oC
oC
rr
Max. Fwd. Voltage
Drop at 25 C and 500 mA
VF (Volts)
7,500
12,500
5
sec
EDI reserves the right to change these specifications at any time without notice.
O


Similar Part No. - KVF10

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
KVF101L104M31NLT00 CHEMI-CON-KVF101L104M31NLT00 Datasheet
354Kb / 3P
MULTILAYER CERAMIC CHIP CAPACITORS
KVF101L104M31NLT00 CHEMI-CON-KVF101L104M31NLT00 Datasheet
354Kb / 3P
MULTILAYER CERAMIC CHIP CAPACITORS
KVF101L104M31NLT00 CHEMI-CON-KVF101L104M31NLT00 Datasheet
354Kb / 3P
MULTILAYER CERAMIC CHIP CAPACITORS
KVF101L105M55NLT00 CHEMI-CON-KVF101L105M55NLT00 Datasheet
354Kb / 3P
MULTILAYER CERAMIC CHIP CAPACITORS
KVF101L105M55NLT00 CHEMI-CON-KVF101L105M55NLT00 Datasheet
354Kb / 3P
MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - KVF10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
logo
Electronic devices inc.
VT1000 EDI-VT1000 Datasheet
43Kb / 2P
HIGH VOLTAGE 50 mA SILICON RECTIFIERS
logo
ON Semiconductor
MC78M09BDTG ONSEMI-MC78M09BDTG_11 Datasheet
237Kb / 18P
500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
NCV78M12BDTRKG ONSEMI-NCV78M12BDTRKG Datasheet
230Kb / 15P
500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
logo
New Japan Radio
NJW4105 NJRC-NJW4105 Datasheet
462Kb / 23P
HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.1
NJW4105T1 NJRC-NJW4105T1 Datasheet
664Kb / 23P
HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com