Electronic Components Datasheet Search
  English  ▼

X  

NTD40 Datasheet(PDF) 1 Page - Electronic devices inc.

Part # NTD40
Description  HIGH VOLTAGE-HIGH CURRENT SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

NTD40 Datasheet(HTML) 1 Page - Electronic devices inc.

  NTD40 Datasheet HTML 1Page - Electronic devices inc. NTD40 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTD
100
Storage Temperature Range, TSTG
A
1
Max. DC Reverse Current @ PRV and 100
oC, I
R
-55
to +150
oC
oC
ELECTRICAL CHARACTERISTICS(at TA =25 C Unless Otherwise Specified)
HIGH VOLTAGE-HIGH CURRENT
SILICON RECTIFIERS
-55
to +125
oC
oC
A
Amps
Ambient Operating Temperature Range,TA
20
Max.One-Half Cycle Surge Current, IFM (Surge )@ 60Hz
Max. DC Reverse Current @ PRV and 25
oC, I
R
DIFFUSED SILICON JUNCTIONS
PRV 8,000 TO 60,000 VOLTS
AVALANCHE CHARACTERISTICS
LOW LEAKAGE
EDI Type No.
Peak
Reverse V oltage
PRV (V olts)
Avg. Fwd.Current
at 50
o C
(mA)
Max. Fwd. Voltage
Drop at 25
oC And I O
V F(Volts)
Length L
Fig.3
NTD 08
8,000
300
12
1.00
NTD 10
10,000
300
15
1.25
NTD 12
12,000
300
18
1.50
NTD 15
15,000
300
24
2.00
NTD 20
20,000
300
30
2.50
NTD 25
25,000
300
38
3.00
NTD 30
30,000
300
45
3.75
NTD 35
35,000
300
54
4.00
NTD 40
40,000
300
60
5.00
NTD 45
45,000
300
70
6.25
NTD 50
50,000
300
76
6.25
NTD 60
60,000
300
83
8.00


Similar Part No. - NTD40

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD40N03R ONSEMI-NTD40N03R Datasheet
65Kb / 8P
Power MOSFET 45 Amps, 25 Volts
April, 2004 ??Rev. 5
logo
VBsemi Electronics Co.,...
NTD40N03R VBSEMI-NTD40N03R Datasheet
1,015Kb / 8P
N-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
NTD40N03R ISC-NTD40N03R Datasheet
259Kb / 2P
isc N-Channel MOSFET Transistor
logo
ON Semiconductor
NTD40N03R ONSEMI-NTD40N03R Datasheet
119Kb / 7P
Power MOSFET 45 A, 25 V, N−Channel DPAK
July, 2010 - Rev. 7
NTD40N03R-1 ONSEMI-NTD40N03R-1 Datasheet
65Kb / 8P
Power MOSFET 45 Amps, 25 Volts
April, 2004 ??Rev. 5
More results

Similar Description - NTD40

ManufacturerPart #DatasheetDescription
logo
Formosa MS
R1200 FORMOSA-R1200 Datasheet
30Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
List of Unclassifed Man...
S2600B ETC-S2600B Datasheet
94Kb / 3P
HIGH VOLTAGE MEDIUM CURRENT SILICON CONTROLLED RECTIFIERS
logo
General Semiconductor
S6000D GE-S6000D Datasheet
95Kb / 3P
High Voltage, Medium Current Silicon Controlled Rectifiers
logo
Electronic devices inc.
EF100 EDI-EF100 Datasheet
54Kb / 2P
HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
RVF EDI-RVF Datasheet
45Kb / 2P
FAST RECOVERY - HIGH VOLTAGE HIGH CURRENT SILICON RECTIFIERS
TV10 EDI-TV10 Datasheet
41Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
High Voltage Power Solu...
CS459S8 HVPSI-CS459S8 Datasheet
90Kb / 1P
High Voltage - High Current Rectifiers
logo
New Jersey Semi-Conduct...
S2600B NJSEMI-S2600B Datasheet
74Kb / 2P
High Voltage, Medium Current Silicon Controlled Rectifiers
logo
Nanjing International G...
R1200 DGNJDZ-R1200 Datasheet
78Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
Electronic devices inc.
NTD EDI-NTD Datasheet
36Kb / 2P
HIGH VOLTAGE-HIGH CURRENT SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com