Electronic Components Datasheet Search
  English  ▼

X  

CPH6901 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # CPH6901
Description  N-Channel Silicon Junction FET Low-Frequency General-Purpose Amplifier, Differential Amplifier, Analog Switch Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH6901 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  CPH6901 Datasheet HTML 1Page - Sanyo Semicon Device CPH6901 Datasheet HTML 2Page - Sanyo Semicon Device CPH6901 Datasheet HTML 3Page - Sanyo Semicon Device CPH6901 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CPH6901
No.8257-2/4
Package Dimensions
Electrical Connection
unit : mm
2248
1 : Collector
2 : Gate
3 : Source
4 : Emitter/Drain
5 : Base
SANYO : CPH5
2.9
0.95
0.05
12
3
4
5
0.4
0.15
1
65
4
23
1 : Drain1
2 : Source1
3 : Gate2
4 : Source2
5 : Drain2
6 : Gate1
Top view
ITR10350
ID -- VDS
012
3
4
5
0
1
2
3
4
5
VGS=0
--0.1V
--0.2V
--0.3V
--0.4V
VGS=0
--0.1V
--0.2V
--0.3V
--0.4V
ITR10352
ID -- VGS
--1.50
--1.25
--1.00
--0.75
--0.50
--0.25
0
0
2
4
6
8
10
I DSS
=5.0mA
3.0mA
1.2mA
ITR10351
ID -- VDS
0
5
10
15
20
25
30
0
1
2
3
4
5
ITR10353
ID -- VGS
--1.0
--1.2
--0.8
--0.6
--0.4
--0.2
0
0
1
2
3
4
5
VDS=10V
VDS=10V
25
°C
75°
C
Gate-to-Source Voltage, VGS -- V
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com