Electronic Components Datasheet Search
  English  ▼

X  

PBT05 Datasheet(PDF) 1 Page - Electronic devices inc.

Part # PBT05
Description  27.5 AMPERES THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

PBT05 Datasheet(HTML) 1 Page - Electronic devices inc.

  PBT05 Datasheet HTML 1Page - Electronic devices inc. PBT05 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINIBRIDGE
27.5 AMPERES
THREE-PHASE FULL-WAVE BRIDGES
HEAT SINK AND CHASSIS MOUNTING
PBT
EDI reserves the right to change these specifications at any time without notice.
Max.Forward V oltage Drop VF =1.0 V @ I F =
3
Amp
Max. DC Reverse Current
@ PRV and 25
oC, IR
10
Max. DC Reverse Current
@ PRV and 100
oC, IR
100
Max. Peak Surge Current, IFSM(8.3ms)
300
Amp
Storage T emperature Range,
TSTG
- 55 to +175
oC
Thermal Resistance (Total), R0 j-c
2.3typ.
oC/ W
-
A
A
PBT SERIES
PRV/Leg
50V
100V
200V
400V
600V
800V
1000V
1200V
Type No.
PBT05
PBT10
PBT20
PBT40
PBT60
PBT80
PBT100
PBT120
ELECTRICAL CHARACTERISTICS PER LEG
(at TA=25 C Unl es s Oth erw ise Spe ci fie d)
1400V
PBT140


Similar Part No. - PBT05

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
PBT01F XPPOWER-PBT01F Datasheet
1Mb / 6P
DC-DC converters
01 April 2025
PBT01F03D05 XPPOWER-PBT01F03D05 Datasheet
1Mb / 6P
DC-DC converters
01 April 2025
PBT01F03D09 XPPOWER-PBT01F03D09 Datasheet
1Mb / 6P
DC-DC converters
01 April 2025
PBT01F03D12 XPPOWER-PBT01F03D12 Datasheet
1Mb / 6P
DC-DC converters
01 April 2025
PBT01F03D15 XPPOWER-PBT01F03D15 Datasheet
1Mb / 6P
DC-DC converters
01 April 2025
More results

Similar Description - PBT05

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
DY05 EDI-DY05 Datasheet
46Kb / 2P
10 AMPERES - HIGH SURGE SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK-CHASSIS-P.C. BOARD MOUNTING
DY05F EDI-DY05F Datasheet
50Kb / 2P
12 AMPERES HIGH SURGE TAB TERMINALS SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PBTR EDI-PBTR Datasheet
49Kb / 2P
FAST RECOVERY MINIBRIDGE 200 NANOSECOND RECOVERY 17 AMPERE THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PK05 EDI-PK05 Datasheet
50Kb / 2P
MINIBRIDGE 10 AMPERES SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PK-F EDI-PK-F Datasheet
52Kb / 2P
MINIBRIDGE 12 AMPERES-TAB TERMINALS SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PKR EDI-PKR Datasheet
53Kb / 2P
FAST RECOVERY MINIBRIDGE 8 AMPERES SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PKR-F EDI-PKR-F Datasheet
56Kb / 2P
FAST RECOVERY MINIBRIDGE 10 AMPERES-TAB TERMINALS SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PT-F EDI-PT-F Datasheet
45Kb / 2P
MINIBRIDGE 8 AMPERES-TAB TERMINALS SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PWT05 EDI-PWT05 Datasheet
50Kb / 2P
MINIBRIDGE 30 AMPERES THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
PBT EDI-PBT Datasheet
47Kb / 2P
THREE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com