Electronic Components Datasheet Search
  English  ▼

X  

EC2C03C Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # EC2C03C
Description  Diffused Junction Type Silicon Diode Variable Capacitance Diode for UHF Band VCO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC2C03C Datasheet(HTML) 1 Page - Sanyo Semicon Device

  EC2C03C Datasheet HTML 1Page - Sanyo Semicon Device EC2C03C Datasheet HTML 2Page - Sanyo Semicon Device EC2C03C Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EC2C03C
No.8237-1/3
Applications
•
0.8 to 1.9GHz band VCO applications.
Features
•
Low series resistance. rs=0.55
Ω typ.
•
Ultraminiature (1008size) and (0.6mm) leadless package.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse Voltage
VR
15
V
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Breakdown Voltage
V(BR)R
IR=10µA15
V
Reverse Current
IR
VR=10V
200
nA
Interterminal Capacitance
C1.0V
VR=1.0V, f=1MHz *
6.5
8.2
pF
C3.0V
VR=3.0V, f=1MHz
4.0
5.2
pF
Capacitance Ratio
CR
C1.0V / C3.0V
1.6
Series Resistance
rs
VR=1.0V, f=470MHz
0.55
0.75
Ω
Marking : VA
* 1MHz signal : 20mVrms
.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN8237
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
31505VC TS IM TB-00001150
EC2C03C
Diffused Junction Type Silicon Diode
Variable Capacitance Diode for
UHF Band VCO


Similar Part No. - EC2C03C

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
EC2C03 RSG-EC2C03 Datasheet
725Kb / 1P
5 TO 6 WATT DC-DC CONVERTERS
More results

Similar Description - EC2C03C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SV270 TOSHIBA-1SV270 Datasheet
107Kb / 2P
VARIABLE CAPACITANCE DIODE (VCO FOR UHF BAND RADIO)
08-May-1997
1SV276 TOSHIBA-1SV276 Datasheet
87Kb / 2P
VARIABLE CAPACITANCE DIODE (VCO FOR UHF BAND RADIO)
1SV280 TOSHIBA-1SV280 Datasheet
101Kb / 2P
VARIABLE CAPACITANCE DIODE (VCO FOR UHF BAND RADIO)
1SV285 TOSHIBA-1SV285 Datasheet
69Kb / 1P
VARIABLE CAPACITANCE DIODE (VCO FOR UHF BAND RADIO)
08-May-1997
1SV293 TOSHIBA-1SV293 Datasheet
73Kb / 1P
VARIABLE CAPACITANCE DIODE (VCO FOR UHF BAND RADIO)
30-Aug-1997
logo
KEC(Korea Electronics)
KDV245 KEC-KDV245 Datasheet
386Kb / 2P
VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR UHF BAND RADIO)
KDV245E KEC-KDV245E Datasheet
383Kb / 2P
VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR UHF BAND RADIO)
KDV257E KEC-KDV257E Datasheet
63Kb / 2P
VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR UHF/VHF BAND)
KDV273E KEC-KDV273E Datasheet
63Kb / 2P
VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR UHF/VHF BAND)
KDV273UL KEC-KDV273UL Datasheet
431Kb / 2P
VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE VCO FOR UHF/VHF BAND
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com