Electronic Components Datasheet Search
  English  ▼

X  

HX60ML Datasheet(PDF) 1 Page - Electronic devices inc.

Part # HX60ML
Description  HIGH VOLTAGE RECTIFIERS ULTRA-MINIATURE AND MINIATURE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

HX60ML Datasheet(HTML) 1 Page - Electronic devices inc.

  HX60ML Datasheet HTML 1Page - Electronic devices inc. HX60ML Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HV HX
SMALL SIZE EPOXY PACKAGES
FAST AND STANDARD RECOVERY TIMES
PRV TO 10,000 VOLTS
VERY LOW REVERSE LEAKAGE
MINIATURE, 100 NANOSECOND RECOVERY (FIG.4)
ULTRA-MINIA TURE, 100 NANOSECOND RECOVERY
(FIG.4)
HIGH VOLTAGE RECTIFIERS
ULTRA-MINIATURE
AND MINIATURE
ULTRA-MINIATURE, STANDARD RECOVERY
HX 15 PD
1,500
HX 20 PD
2,000
HX 25 PD
2,500
HX 30 PD
3,000
60
6.0
3
P
HX 10 P
1,000
HX 20 P
2,000
HX 30 P
3,000
HX 40 P
4,000
HX 50 P
5,000
40
10.0
3
P
HX 10 M
1,000
HX 20 M
2,000
HX 30 M
3,000
HX 40 M
4,000
HX 50 M
5,000
40
10.0
3
M
HX 60 ML
6,000
HX 80 ML
8,000
HX 100 ML
10,000
20
20.0
3
M
HV 15 PD
1,500
HV 20 PD
2,000
HV 25 PD
2,500
HV 30 PD
3,000
80
6.0
5
P
HV 10 P
1,000
HV 20 P
2,000
HV 30 P
3,000
HV 40 P
4,000
HV 50 P
5,000
50
6.0
5
P
EDI
Type No.
Peak
Reverse Voltage
PRV (Volts)
Avg.Forward
Current
IO (mA) 100
oC
Max.Fwd
Vol tage
@ 10mA &
25
oC
Max. Peak
Surge Cureent,
IFSM
(8.3 ms) (Amps)
Package
Style
EDI reserves the right to change these specifications at any time without notice.


Similar Part No. - HX60ML

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HX6001 HBH-HX6001 Datasheet
20Kb / 1P
15-21 GHz Active Harmonic Mixer
logo
HEXIN SEMICONDUCTOR.
HX6017 HEXIN-HX6017 Datasheet
372Kb / 10P
High Accuracy Linear Li-Lon Battery Charger
logo
Pulse A Technitrol Comp...
HX6062FNL PULSE-HX6062FNL Datasheet
477Kb / 3P
MDL,SIN,1GP,1:1,SM,TU
HX6062NL PULSE-HX6062NL Datasheet
328Kb / 3P
MDL,SIN,1GP,1:1,SM,TU
HX6080FNL PULSE-HX6080FNL Datasheet
500Kb / 3P
MDL,DUAL,1GP,1:1,SM,TU
More results

Similar Description - HX60ML

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FR02 FCI-FR02 Datasheet
93Kb / 2P
HIGH VOLTAGE, FAST RECOVERY MINIATURE PLASTIC RECTIFIERS
FV05M FCI-FV05M Datasheet
63Kb / 1P
HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
GP02 FCI-GP02 Datasheet
108Kb / 2P
HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
logo
Electronic devices inc.
EF100 EDI-EF100 Datasheet
54Kb / 2P
HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
logo
HY ELECTRONIC CORP.
BY134 HY-BY134 Datasheet
39Kb / 2P
MINIATURE RECTIFIERS
logo
Edal Industries, Inc.
B427 EDAL-B427 Datasheet
731Kb / 2P
Sub-Miniature High Voltage Rectifiers
B587 EDAL-B587 Datasheet
749Kb / 2P
Sub-Miniature High Voltage Rectifiers
B412 EDAL-B412 Datasheet
484Kb / 2P
Miniature High Voltage Silicon Rectifiers
logo
PETERMANN-TECHNIK
SMD02502 PETERMANN-SMD02502_15 Datasheet
683Kb / 4P
Ultra miniature size and lightweight
logo
FCI connector
FV05M-04 FCI-CONNECTOR-FV05M-04 Datasheet
89Kb / 1P
HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com