Electronic Components Datasheet Search
  English  ▼

X  

PM5392 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM5392
Description  SATURN User Network Interface for 9.953 Gbit/s
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5392 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM5392 Datasheet HTML 1Page - PMC-Sierra, Inc PM5392 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PM5392
Advance
SATURN® User Network Interface for 9.953 Gbit/s
S/UNI®-9953-POS
PMC-2010908 (A1)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
 Copyright PMC-Sierra, Inc. 2001
GENERAL DESCRIPTION
• The S/UNI-9953-POS is a single chip
ATM, POS User-Network Interface
operating at 9953.28 Mbit/s. The S/UNI
9953-POS is intended for use in OC-
192c and high-density OC-48c
POS/ATM applications.
FEATURES
• Supports framing, scrambling/
descrambling and pointer processing
for the following:
•
STS-192c (STM-64-64c).
•
4 x STS-48c (4 x STM-16-16c).
•
STS-192 (STM-64) channelized
down to STS-48c (STM-16c).
• Supports alarm signal
insertion/detection, B1/2/3 processing
and insertion/termination of SONET
Section/Line/Path overhead bytes (or
SDH equivalents).
• Provides ATM and POS payload
processing for:
•
STS-192c (STM-64-64c)
•
4 x STS-48c (4 x STM-16-16c).
•
STS-192 (STM-64) channelized
down to STS-48c (STM-16c).
INTERFACES
• Provides SATURN® POS-PHY™
Level 4 16-bit LVDS System-side
Interface (clocked at 700 MHz
nominal).
• Directly connects to optics via 16 bit by
622 MHz OIF SFI-4 (OIF99.102) line-
side interface.
POS/ATM
• Implements the ATM Forum User
Network Interface Specification and
the ATM physical layer for Broadband
ISDN according to CCITT
Recommendation I.432.
• Implements the Point-to-Point Protocol
(PPP) over SONET/SDH specification
according to RFC 2615(1619)/1662 of
the PPP Working Group of the Internet
Engineering Task Force (IETF).
GENERAL
• Provides internal FIFOs (16 KB
ingress, 20 KB egress) to
accommodate system latencies.
• Provides line-side and system-side
loopbacks for system level diagnostic
capability.
• Provides support for automatic
protection switching (APS) via two 16-
bit LVDS 777.76 MHz ports.
• Provides a generic 16-bit
microprocessor bus interface for
configuration, control and status
monitoring.
• Standard 5 signal P1149.1 JTAG test
port.
Rx
Transport
O/H
Processor
APS
Rx Path
O/H
Processor
Rx Payload
Aligner
Rx Cell/
Frame
Processor
Rx SONET
BER
Monitor
Tx
Transport
O/H
Processor
Tx High-
Order Path
O/H
Processor
APS
LVDS I/F
TXCLK_SRC+/-
RXCLK+/-
RXDATA+/-
TXDATA +/-
TXCLK+/-
Microprocessor
JTAG
POS-PHY
Level 4
Interface
Ingress
Flexible
FIFO
POS-PHY
Level 4
Interface
Egress
Flexible
FIFO
PL4 REF +/-
RDCLK +/-
RDAT+/-
RSCLK
RSTAT
TDCLK +/-
TDAT+/-
TSCLK
TSTAT
RCTL+/-
TCTL+/-
SFI-4
Rx
Interface
SFI-4
Tx
Interface
LVDS I/F
Tx Cell/
Frame
Processor
BLOCK DIAGRAM


Similar Part No. - PM5392

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5390 PMC-PM5390 Datasheet
100Kb / 2P
10 Gbit/s Physical Layer Device for POS, ATM and Ethernet
More results

Similar Description - PM5392

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5345 PMC-PM5345 Datasheet
70Kb / 2P
S/UNI-155 SATURN USER NETWORK INTERFACE
PM5345 PMC-PM5345 Datasheet
617Kb / 2P
SATURN USER NETWORK INTERFACE
PM5346 PMC-PM5346 Datasheet
65Kb / 2P
155 Mb/s SATURN User Network Interface for LANs
PM5347 PMC-PM5347 Datasheet
81Kb / 2P
155 Mb/s SATURN User Network Interface for WANs
PM5350 PMC-PM5350 Datasheet
60Kb / 2P
155 Mb/s SATURN User Network Interface
PM5381 PMC-PM5381 Datasheet
2Mb / 2P
SATURN USER NETWORK INTERFACE FOR 2488 MBIT/S
PM5381 PMC-PM5381 Datasheet
57Kb / 2P
SATURN User Network Interface for 2488 Mbit/s
PM5346-1 PMC-PM5346-1 Datasheet
70Kb / 11P
SATURN USER NETWORK INTERFACE (LITE)
PM5346S PMC-PM5346S Datasheet
536Kb / 145P
SATURN USER NETWORK INTERFACE
PM5350-1 PMC-PM5350-1 Datasheet
617Kb / 196P
SATURN USER NETWORK INTERFACE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com