Electronic Components Datasheet Search
  English  ▼

X  

PER Datasheet(PDF) 1 Page - Electronic devices inc.

Part # PER
Description  FAST RECOVERY SINGLE-PHASE FULL-WAVE BRIDGE 4.0 AMPERES FOR P.C. BOARD MOUNTING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

PER Datasheet(HTML) 1 Page - Electronic devices inc.

  PER Datasheet HTML 1Page - Electronic devices inc. PER Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FAST RECOVERY
SINGLE-PHASE FULL-WAVE BRIDGE
4.0 AMPERES FOR P.C. BOARD MOUNTING
PER
2.0
Amp
o
5
100
FSM(8.3 ms)(Fig.2)
Amp
STG
-55 to +150
oC
Thermal Resistance (Total Bridge), R0 j-c
7.0typ.
oC/ W
-
A
PRV/leg
50V
100V
200V
400V
600V
800V
1000V
Type No.
PER05
PER10
PER20
PER40
PER60
PER80
PER100
Max. Reverse Recovery , Trr (Fig.3)
200
Nano Sec.
Th
is
m
ar
k i
nd
ica
te
s r
ec
og
nit
ion
un
de
r t
he
co
m
po
ne
nt
pr
og
ra
m
of
Und
er
writ
er
s La
bo
ra
to
rie
s,
inc.
Ambient Operating Temperature Range,TA
-55 to +150
oC
NOTE:
O
EDI reserves the right to change these specifications at any time without notice.
ELECTRICAL CHARACTERISTICS PER LEG
(at TA=25 C Unl es s Oth erw ise Spe ci fie d)
Max. Forward Voltage Drop, VF =1.3 V @ IF =
Max. DC Reverse Current @ PRV and 25 C, IR
Max. Peak Surge Current, I
Storage Temperature Range, T
Maximum lead and terminal temperature for soldering, 3/8 inch from case, 5 seconds at 250 C.


Similar Part No. - PER

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PER-1100 AAEON-PER-1100 Datasheet
263Kb / 1P
Riser card for EMB-830
PER-1110 AAEON-PER-1110 Datasheet
281Kb / 1P
Riser Card For Compact Board And Mini-ITX Series
PER-A123 AAEON-PER-A123 Datasheet
275Kb / 2P
gigabit ethernet
PER-A133 AAEON-PER-A133 Datasheet
275Kb / 2P
gigabit ethernet
PER-A134 AAEON-PER-A134 Datasheet
275Kb / 2P
gigabit ethernet
More results

Similar Description - PER

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
4PH05 EDI-4PH05 Datasheet
40Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 4 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING
6PH EDI-6PH Datasheet
44Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 6 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING
6PHR EDI-6PHR Datasheet
43Kb / 2P
FAST RECOVERY SINGLE-PHASE FULL WAVE BRIDGE 6 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING 200 NANOSECOND FAST RECOVERY
8PH EDI-8PH Datasheet
89Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 8 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING
10PH EDI-10PH Datasheet
93Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 10 AMPERES FOR P.C. BOARD AND HEAT SINK MOUNTING
BRUS2 EDI-BRUS2 Datasheet
64Kb / 2P
ULTRA-FAST RECOVERY SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK CHASSIS P.C. BOARD MOUNTING
PF05 EDI-PF05 Datasheet
69Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.5AMPERES THROUGH 5.0 AMPERES FOR P.C. BOARD AND POWER TERMINAL MOUNTING
PL05 EDI-PL05 Datasheet
37Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES FOR P.C. BOARD AND SURFACE MOUNTING
PP05 EDI-PP05 Datasheet
87Kb / 2P
SINGLE - PHASE FULL WAVE BRIDGE 6.0 AMPERES HEAT SINK MOUNTING 3.0 AMPERES FOR P.C BOARD MOUNTING
PPR EDI-PPR Datasheet
53Kb / 2P
FAST RECOVERY SINGLE-PHASE FULL WAVE BRIDGE 5.0 AMPERES HEAT SINK MOUNTING 2.0 AMPERES FOR P.C. BOARD MOUNTING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com