Electronic Components Datasheet Search
  English  ▼

X  

RUS Datasheet(PDF) 1 Page - Electronic devices inc.

Part # RUS
Description  50 ULTRA-FAST RECOVERY AXIAL LEAD RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

RUS Datasheet(HTML) 1 Page - Electronic devices inc.

  RUS Datasheet HTML 1Page - Electronic devices inc. RUS Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RUS
PRV to 600 V
50ns recovery
Small size
High temperature stability
High surge capability
Exceptionally low leakage
Avalanche characteristics
RUS1
RUS4
RUS3
RUS2
RUS1
RUS2
RUS3
RUS4
UNITS
Average Rectified Forward Current, I
O @80
oC
lead temperature, L=3/8 (Fig.1)
1.5
3.5
5
5
Amps
Max. DC Reverse Current @ PRV and 25
oC, IR
1
5
5
5
A
Max. DC Reverse Current @ PRV and 100
oC, I R
50
100
100
100
A
Max. Peak Surge Current, IFSM(8.3 sec) (Fig2)
50
100
240
320
Amps(pk)
Max. Forward Voltage Drop @ 25
oC, VF
with Forward Current pulse I F (300 sec width)
1.3
1
1.3
3
1.3
4
1.3
5
Volts
Amps
Reverse Recovery Time, Trr (Fig.4)
50
50
50
50
nsec.
Ambient Operating Temperature Range, TA
-55 to +150
oC
Storage Temperature Range, TSTG
-55 to +150
oC
ELECTRICAL CHARACTERISTICS(at TA=25 C Unless Otherwise Specified)
o
PRV
200V
400V
500V
600V
RUS1
RUS120
RUS140
RUS150
RUS160
RUS2
RUS220
RUS240
RUS250
RUS260
RUS3
RUS320
RUS340
RUS350
RUS360
RUS4
RUS420
RUS440
RUS450
RUS460
EDI reserves the right to change these specifications at any time without notice.
50 ULTRA-FAST RECOVERY AXIAL
LEAD RECTIFIER DIODES


Similar Part No. - RUS

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RUS OHMITE-RUS Datasheet
523Kb / 3P
(Potentiometers) Wirewound
logo
Rohm
RUS100N02 ROHM-RUS100N02 Datasheet
2Mb / 12P
Nch 20V 10A Middle Power MOSFET
logo
VBsemi Electronics Co.,...
RUS100N02TB VBSEMI-RUS100N02TB Datasheet
1,006Kb / 9P
N-Channel 20V (D-S) MOSFET
logo
Ruichips Semiconductor ...
RUS1H10R RUICHIPS-RUS1H10R Datasheet
259Kb / 6P
High Efficiency Barrier Rectifier
RUS1H20R RUICHIPS-RUS1H20R Datasheet
171Kb / 5P
Power Schottky Barrier Diode
More results

Similar Description - RUS

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Microsemi Corporation
40SL MICROSEMI-40SL Datasheet
100Kb / 2P
4 AMP AXIAL-LEAD FAST RECOVERY RECTIFIER DIODES
logo
Sanken electric
FML22S SANKEN-FML22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Wing Shing Computer Com...
1N4936 WINGS-1N4936 Datasheet
48Kb / 3P
Axial-Lead Fast-Recovery Rectifier
1N4937 WINGS-1N4937 Datasheet
44Kb / 3P
Axial-Lead Fast-Recovery Rectifier
logo
Shenzhen Taychipst Elec...
RN3Z TAYCHIPST-RN3Z Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
SUNMATE electronic Co.,...
MUR410 SUNMATE-MUR410 Datasheet
195Kb / 2P
4.0A Axial Leaded Ultra-Fast Recovery Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com