Electronic Components Datasheet Search
  English  ▼

X  

RUSH Datasheet(PDF) 1 Page - Electronic devices inc.

Part # RUSH
Description  50ns ULTRA-FAST RECOVERY HIGH -VOLTAGE RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

RUSH Datasheet(HTML) 1 Page - Electronic devices inc.

  RUSH Datasheet HTML 1Page - Electronic devices inc. RUSH Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RUSH
A =25 C
Unless Otherwise Specified)
NOTES:
o
Average Rectified Forward Current @ 50
oC, I
O
Max. Peak Surge Current, IFSM
Max. Forward Voltage Drop @ 200 mA, VF
Max. DC Reverse Current @ PRV and 25
oC, IR
oC, IR
A
STG
200 mA
8 Amp
15 Volts
1
25
-55 to +150
oC
-55 to +150
oC
A
A
(8.3ms)
rr
50ns
PRV
3000
4000
5000
EDI type
RUSH103
RUSH104
RUSH105
(Fig.1)
50ns ULTRA-FAST RECOVERY
HIGH -VOLTAGE RECTIFIER DIODES
PRV to 5,000 Volts
50ns ultra-fast recovery
Small size
Exceptionally low leakage
High surge capability
Avalanche characteristics
ELECTRICAL CHARACTERISTICS (at T
Max. Reverse Recovery, T , Fig.4
Max. DC Reverse Current @ PRV and100
Ambient Operating Temperature Range, T
Storage Temperature Range, T
1.It is recommended that a proper heat sink be used on the terminals of this device between the body and
soldering point to prevent damage from excess heat.
2.If operated over 10,000v/inch in length, devices should be immersed in oil or re - encapsulated.
EDI reserves the right to change these specifications at any time without notice.


Similar Part No. - RUSH

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
RUS EDI-RUS Datasheet
43Kb / 2P
50 ULTRA-FAST RECOVERY AXIAL LEAD RECTIFIER DIODES
logo
Ohmite Mfg. Co.
RUS OHMITE-RUS Datasheet
523Kb / 3P
(Potentiometers) Wirewound
logo
Electronic devices inc.
RUS1 EDI-RUS1 Datasheet
43Kb / 2P
50 ULTRA-FAST RECOVERY AXIAL LEAD RECTIFIER DIODES
logo
Rohm
RUS100N02 ROHM-RUS100N02 Datasheet
2Mb / 12P
Nch 20V 10A Middle Power MOSFET
logo
VBsemi Electronics Co.,...
RUS100N02TB VBSEMI-RUS100N02TB Datasheet
1,006Kb / 9P
N-Channel 20V (D-S) MOSFET
More results

Similar Description - RUSH

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
RUST EDI-RUST Datasheet
41Kb / 2P
50ns ULTRA-FAST RECOVERY HIGH VOLTAGE RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
2CL500 GETEDZ-2CL500 Datasheet
513Kb / 2P
500mA 8.0kV 50nS-High Voltage Power Diodes Ultra-Fast Recovery
ESJC50-08 GETEDZ-ESJC50-08_16 Datasheet
513Kb / 2P
500mA 8.0kV 50nS-High Voltage Power Diodes Ultra-Fast Recovery
ESJC50-15 GETEDZ-ESJC50-15_16 Datasheet
511Kb / 2P
500mA 15kV 50nS-High Voltage Power Diodes Ultra-Fast Recovery
GH50-15J GETEDZ-GH50-15J Datasheet
510Kb / 2P
500mA 15kV 50nS-High Voltage Power Diodes Ultra-Fast Recovery
2CL500-8 GETEDZ-2CL500-8_17 Datasheet
539Kb / 2P
500mA 8.0kV 50nS-High Voltage Power Diodes Ultra-Fast Recovery
ESJC50-08 GETEDZ-ESJC50-08_17 Datasheet
539Kb / 2P
500mA 8.0kV 50nS-High Voltage Power Diodes Ultra-Fast Recovery
GT-FOB GETEDZ-GT-FOB_17 Datasheet
539Kb / 2P
500mA 8.0kV 50nS-High Voltage Power Diodes Ultra-Fast Recovery
logo
American Microsemicondu...
AMS-FOB AMMSEMI-AMS-FOB Datasheet
334Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
logo
GETAI ELECTRONICS DEVIC...
GH05U10J GETEDZ-GH05U10J Datasheet
506Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com