Electronic Components Datasheet Search
  English  ▼

X  

RWB Datasheet(PDF) 1 Page - Electronic devices inc.

Part # RWB
Description  5 AMPERE FAST RECOVERY AXIAL LEAD RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

RWB Datasheet(HTML) 1 Page - Electronic devices inc.

  RWB Datasheet HTML 1Page - Electronic devices inc. RWB Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RWB
5 AMPERE FAST RECOVERY
AXIAL LEAD RECTIFIERS
PRV TO 1,000 VOLTS
HIGH TEMPERATURE STABILITY
HIGH SURGE CAPABILITY
AVALANCHE CHARACTERISTICS
PRV
50V
100V
200V
400V
600V
800V
1000V
RWB*SERIES
RWB005
RWB010
RWB020
RWB040
RWB060
RWB080
RWB100
ELECTRICAL CHARACTERISTICS
at TA=25°C Unless Otherwise Specified
RWB SERIES FAST
RECOVERY
Max. DC Reverse Current @ PRV and 25
o C, IR
5 vv
Max. DC Reverse Current @ PRV and100
oC, IR
250
00
F
1.25Volts
Ambient Operat
A
-55
oC to +150 oC
STG
-55
o C to +150 oC
Max.One -
FM (Surge) @ 60HZ
350 Amps
A
*Suffix “A” 150 NANO SEC. MAX. See Fig.#4
*Suffix “B” 250 NANO SEC. MAX. See Fig.#4
vvA
Half Cycle Surge Current,I
ing Temperature Range,T
Max.Forward Voltage Drop @ 5.0Amps, V
EDI reserves the right to change these specifications at any time without notice.
Storage Temperature Range,T


Similar Description - RWB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RGF1A FAIRCHILD-RGF1A Datasheet
99Kb / 4P
1.0 Ampere Fast Recovery Rectifiers
RS1A FAIRCHILD-RS1A Datasheet
38Kb / 3P
1.0 Ampere Fast Recovery Rectifiers
logo
ON Semiconductor
1N4001 ONSEMI-1N4001 Datasheet
30Kb / 4P
Axial Lead Standard Recovery Rectifiers
December, 2004 ??Rev. 9
MR850 ONSEMI-MR850 Datasheet
43Kb / 4P
Axial Lead Fast Recovery Rectifiers
July, 2006 ??Rev. 5
1N4001 ONSEMI-1N4001_05 Datasheet
45Kb / 6P
Axial Lead Standard Recovery Rectifiers
August, 2005 ??Rev. 12
logo
Electronic devices inc.
RAB EDI-RAB Datasheet
77Kb / 2P
3 AMPERE AXIAL LEAD RECTIFIERS
YAB EDI-YAB Datasheet
33Kb / 2P
6 AMPERE AXIAL LEAD RECTIFIERS
logo
ON Semiconductor
1N5400 ONSEMI-1N5400_08 Datasheet
120Kb / 6P
Axial-Lead Standard Recovery Rectifiers
May, 2008 ??Rev. 10
logo
Digitron Semiconductors
1N4933 DIGITRON-1N4933 Datasheet
92Kb / 2P
AXIAL-LEAD FAST RECOVERY RECTIFIERS
logo
ON Semiconductor
MR850 ONSEMI-MR850_11 Datasheet
87Kb / 4P
Axial Lead Fast Recovery Rectifiers
May, 2011 ??Rev. 6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com