Electronic Components Datasheet Search
  English  ▼

X  

SL800 Datasheet(PDF) 1 Page - Electronic devices inc.

Part # SL800
Description  FAST RECOVERY, 100ns.HIGH VOLTAGE 40 ma, MINIATURE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

SL800 Datasheet(HTML) 1 Page - Electronic devices inc.

  SL800 Datasheet HTML 1Page - Electronic devices inc. SL800 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SL300 thru SL 1200
NOTES:
FAST RECOVERY, 100ns.HIGH VOLTAGE
40 ma, MINIATURE RECTIFIERS
EDI
Type
PRV
Volts
SL300
3,000
SL500
5,000
SL800
8,000
SL1000
10,000
SL1200
12,000
Average Rectified Forward Current @ 50
oC, I
O
Max. Peak Surge Current, IFSM
Max. ForwardVoltageDrop @25 m
A, VF
Max. DC Reverse Current @ PRV and 25
oC, IR
Max. DC Reverse Current @ PRV and100
oC, IR
Ambient Operating Temperature Range, TA
Storage Temperature Range, TSTG
40 mA
3 Amp
26Volts
1
15
-55
oC to +150 oC
-55
oC to +150 oC
A
A
(8.3ms) (Fig.2)
rr
100nanosec
1 INCH MINIMUM LEADS
SMALL SIZE MOLDED PACKAGE
PRV 3,000 TO 12,000 VOLTS
AVALANCHE CHARACTERISTICS
LOW LEAKAGE
Max. Reverse Recovery (Fig.4) t
1.It is recommended that a proper heat sink be used on the terminals of this device between the body and
soldering point to prevent damage from excess heat.
2.If operated over 10,000v/inch in length, devices should be immersed in oil or re - encapsulated.
EDI reserves the right to change these specifications at any time without notice.
ELECTRICAL CHARACTERISTICS (at TA=25 C Unless Otherwise Specified)
o


Similar Part No. - SL800

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SL80101-ADJ RENESAS-SL80101-ADJ Datasheet
805Kb / 14P
High Performance 1A Linear Regulator with Programmable Current Limiting
Aug 21, 2020
logo
Laird Tech Smart Techno...
SL80173WP LSTD-SL80173WP Datasheet
401Kb / 1P
Neutral color and dimunuitive profile
SL8025WP LSTD-SL8025WP Datasheet
522Kb / 1P
Integrated N male connector
More results

Similar Description - SL800

ManufacturerPart #DatasheetDescription
logo
Bytes
R1200F BYTES-R1200F Datasheet
154Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Electronic devices inc.
DL1200 EDI-DL1200 Datasheet
37Kb / 2P
FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS
logo
First Components Intern...
FR02 FCI-FR02 Datasheet
93Kb / 2P
HIGH VOLTAGE, FAST RECOVERY MINIATURE PLASTIC RECTIFIERS
logo
Electronic devices inc.
DR300 EDI-DR300 Datasheet
45Kb / 2P
FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS
QR12 EDI-QR12 Datasheet
60Kb / 2P
FAST RECOVERY, 100ns.HIGH VOLTAGE
SR300 EDI-SR300 Datasheet
44Kb / 2P
FAST RECOVERY,100ns. HIGH VOLTAGE 25ma,MINIATURE SILICON RECTIFIERS
logo
Goodwork Semiconductor ...
R1200F GWSEMI-R1200F Datasheet
68Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
R3000F LRC-R3000F_15 Datasheet
339Kb / 7P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
R1500F DGNJDZ-R1500F Datasheet
283Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
GR15-G-2 EIC-GR15-G-2 Datasheet
435Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com