Electronic Components Datasheet Search
  English  ▼

X  

RVF30 Datasheet(PDF) 1 Page - Electronic devices inc.

Part # RVF30
Description  FAST RECOVERY - HIGH VOLTAGE HIGH CURRENT SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

RVF30 Datasheet(HTML) 1 Page - Electronic devices inc.

  RVF30 Datasheet HTML 1Page - Electronic devices inc. RVF30 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RVF
15
Storage Temperature Range, TSTG
A
0.1
Max. DC Reverse Current @ PRV and 100
oC, I
R
-55
to +150
oC
oC
ELECTRICAL CHARACTERISTICS(at TA =25 C Unless Otherwise Specified)
FAST RECOVERY - HIGH VOLTAGE
HIGH CURRENT SILICON RECTIFIERS
-55
to +150
oC
oC
A
Max. Reverse Recovery Time , T
(Fig.4)
Amps
Ambient Operating Temperature Range,TA
50
Forward Voltage Repetitive Peak,I FRM
Max.One-Half Cycle Surge Current, IFM (Surge )@ 60Hz
Amps
2
150 nanoseconds
Max. DC Reverse Current @ PRV and 25
oC, I
R
EDI reserves the right to change these specifications at any time without notice.
MATCHED SILICON RECTIFIER ELEMENTS
DIFFUSED SILICON JUNCTIONS
PRV 5,000 TO 40,000 VOLTS
AVALANCHE CHARACTERISTICS
LOW LEAKAGE
EDI Type No.
Peak
Reverse Voltage
PRV (V olts)
Average Rectified
Current
@55
o C@100 oC
Amps
@25
oC
I F =0.5 ADC
(Volts)
Length
L
Fig.3
Inches
MM
RVF5
5,000
0.50
0.33
9
1.25
31.75
RVF8
8,000
0.50
0.33
12
1.75
44.45
RVF10
10,000
0.33
15
2.00
50.80
RVF12.5
12,500
0.50
0.33
20
2.50
63.50
RVF15
15,000
0.50
0.33
23
3.00
76.20
RVF20
20,000
0.40
0.27
30
4.00
101.60
RVF25
25,000
0.40
0.27
38
4.50
114.30
RVF30
30,000
0.40
0.27
45
5.50
139.70
RVF40
40,000
0.40
0.27
60
7.00
177.80
0.50
rr
Max. Fwd Voltage


Similar Part No. - RVF30

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RVF-10V100ME55U-R2 TAIYO-YUDEN-RVF-10V100ME55U-R2 Datasheet
246Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RVF]
RVF-10V100ME55UN-R2 TAIYO-YUDEN-RVF-10V100ME55UN-R2 Datasheet
246Kb / 2P
FOR AUTOMOTIVE AUDIO VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RVF]
RVF-10V101MG10U-R2 TAIYO-YUDEN-RVF-10V101MG10U-R2 Datasheet
246Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RVF]
RVF-10V101MG10UN-R2 TAIYO-YUDEN-RVF-10V101MG10UN-R2 Datasheet
246Kb / 2P
FOR AUTOMOTIVE AUDIO VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RVF]
RVF-10V220MF55U-R2 TAIYO-YUDEN-RVF-10V220MF55U-R2 Datasheet
246Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RVF]
More results

Similar Description - RVF30

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
R1200F JGD-R1200F Datasheet
128Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Semtech Corporation
DD300 SEMTECH-DD300 Datasheet
93Kb / 2P
FAST RECOVERY HIGH VOLTAGE SILICON RECTIFIERS
logo
Bytes
R1200F BYTES-R1200F Datasheet
154Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Fuji Electric
CS57-04A FUJI-CS57-04A Datasheet
32Kb / 2P
Fast Recovery High Voltage Silicon Rectifiers
logo
EIC discrete Semiconduc...
HFR125 EIC-HFR125 Datasheet
36Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
UNIOHM CORPORATION
R1200F UNIOHM-R1200F Datasheet
67Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Goodwork Semiconductor ...
R1200F GWSEMI-R1200F Datasheet
68Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
R3000F LRC-R3000F_15 Datasheet
339Kb / 7P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
R1500F DGNJDZ-R1500F Datasheet
283Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
GR15-G-2 EIC-GR15-G-2 Datasheet
435Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com