Electronic Components Datasheet Search
  English  ▼

X  

XLR Datasheet(PDF) 2 Page - Electronic devices inc.

Part # XLR
Description  HIGH VOLTAGE RECOVERY FOR X-RAY AND INDUSTRIAL APPLICATIONS STANDARD AND FAST RECOVERY TYPES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

XLR Datasheet(HTML) 2 Page - Electronic devices inc.

  XLR Datasheet HTML 1Page - Electronic devices inc. XLR Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
100
0
0
20
50
8
100
120
140
FIG.1
OUTPUT CURRENT vs AMBIENT TEMPERATURE
FIG.2
NON- REPETITIVE SURGE CURRENT
100
10
1
10
FIG.3
21 GRAY OAKS AVENUE
* YONKERS. NEW YORK 10710 914-965-4400
* FAX 914-965-5531
* 1-800-678-0828
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
AMBIENT TEMPERATURE, TA(OIL)OC
FIG.4
REVERSE RECOVERY TEST METHOD
MECHANICAL
1.0 MIN.
0.26 MAX.
0.052/0.048 DIA.
TIN PLATED COPPER LEADS
IF
I R
PEAK SURGE CURRENT VS
NUMBER OF CYCLES
AT 60 Hz
(SINE WA VE INPUT)AND T A=25
OC
40
200
300
400
500
1
1
2
3
4
5
6
7
8
9
1
XMU
XMR5
XL 10
XLU12
XLR
100
NUMBER OF CYCLES AT 60 Hz
1
Max.lead temperature for
soldering,
/ from body ,10 seconds @260
8
OC
0.38 MAX.
1.0 MIN.
0.180
0.030/0.034 DIA.
ALL DIMENSION IN INCHES
R R
1, 2 NON-INDUCTIVE RESISTORS
PULSE GENERATOR-HEWLETT PACKARD 214A OR EQUIV.
1 KC REP.RATE, 10
SEC. PULSE WIDTH
ADJUST PULSE AMPLITUDE FOR PEAK IR
PULSE
GENERATOR
D.U.T.
SCOPE
R
2
1 OHM
R1
50 OHM
RECOVERY TEST CIRCUIT
RECOVERY WA VE FORM
FORWARD
CONDUCTION
TIME
SWITCHING
REVERSE RECOVERY
CURRENT
-25mA
I RR
-100mA
TRR
+50mA
2
3
4
5
6
7
8
9
1
+
Ee-mail:sales@edidiodes.com
Wwebsite: http://www.edidiodes.com
*
XL
XLR XLU XMR XMU
XMR5
XMU
XL 10
XLR
XLU12
0.60
_
+ 0.010
XMR,XMU
XL,XLR,XLU
XLR20
XLR20



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com