Electronic Components Datasheet Search
  English  ▼

X  

YAB Datasheet(PDF) 1 Page - Electronic devices inc.

Part # YAB
Description  6 AMPERE AXIAL LEAD RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

YAB Datasheet(HTML) 1 Page - Electronic devices inc.

  YAB Datasheet HTML 1Page - Electronic devices inc. YAB Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YAB
6 AMPERE AXIAL LEAD RECTIFIERS
LOW COST
PRV TO 1,000 VOLTS
HIGH SURGE CAPABILITY
AVALANCHE CHARACTERISTICS
PRV
50V
100V
200V
400V
600V
800V
1000V
TYPE NO.
YAB005
YAB010
YAB020
YAB040
YAB060
YAB080
YAB100
ELECTRICAL CHARACTERISTICS at TA=25°C Unless
Otherwise Specified
YAB SERIES
Max. DC Reverse Current @ PRV and 25
oC, I
R
10vv
Max. DC Reverse Current @ PRV and100
oC, I
R
250
00
Max.Forward Voltage Drop @6.0Amps, VF
1.2Volts
Ambient Operating Temperature Range,TA
-55
o
oC
Storage Temperature Range,TSTG
-55
oC to +150oC
Max.One-half Cycle Surge Current,IFM(Surge) @ 60HZ
400 Amps
A
A
EDI reserves the right to change these specifications at any time without notice.
C to +150


Similar Description - YAB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR150 MOTOROLA-MBR150 Datasheet
95Kb / 4P
Axial Lead Rectifiers
logo
ON Semiconductor
1N5817 ONSEMI-1N5817 Datasheet
75Kb / 7P
Axial Lead Rectifiers
July, 2006 ??Rev. 10
MBR150 ONSEMI-MBR150 Datasheet
67Kb / 5P
Axial Lead Rectifiers
June, 2006 ??Rev. 8
MBR350 ONSEMI-MBR350_06 Datasheet
59Kb / 4P
Axial Lead Rectifiers
June, 2006 ??Rev. 6
MBR835 ONSEMI-MBR835 Datasheet
138Kb / 4P
Axial Lead Rectifiers
September, 2006 ??Rev. 2
logo
Electronic devices inc.
RAB EDI-RAB Datasheet
77Kb / 2P
3 AMPERE AXIAL LEAD RECTIFIERS
RWB EDI-RWB Datasheet
75Kb / 2P
5 AMPERE FAST RECOVERY AXIAL LEAD RECTIFIERS
WAB EDI-WAB Datasheet
69Kb / 2P
6 AMPERE AXIAL LEAD RECTIFIERS HIGH PERFORMANCE
ZAB EDI-ZAB Datasheet
83Kb / 2P
6 AMPERE AXIAL LEAD RECTIFIERS HIGH SURGE
logo
New Jersey Semi-Conduct...
MBR115P NJSEMI-MBR115P Datasheet
133Kb / 2P
AXIAL LEAD RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com