Electronic Components Datasheet Search
  English  ▼

X  

ZAB005 Datasheet(PDF) 1 Page - Electronic devices inc.

Part # ZAB005
Description  6 AMPERE AXIAL LEAD RECTIFIERS HIGH SURGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

ZAB005 Datasheet(HTML) 1 Page - Electronic devices inc.

  ZAB005 Datasheet HTML 1Page - Electronic devices inc. ZAB005 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6 AMPERE AXIAL LEAD RECTIFIERS
HIGH SURGE
ZAB
PRV
50V
100V
200V
400V
600V
800V
1000V
TYPE NO.
ZAB005
ZAB010
ZAB020
ZAB040
ZAB060
ZAB080
ZAB100
ELECTRICAL CHARACTERISTICS at TA=25°C Unless
Otherwise Specified
ZAB SERIES
Max. DC Reverse Current @ PRV and 25
o
C, IR
5vv
Max. DC Reverse Current @ PRV and100
o
C, IR
150
00
F
1.0Volts
Range,T A
-55
oC to +150 oC
STG
-55
oC to +150 oC
Max.One-
FM (Surge) @ 60HZ
I,000 Amps
PRV TO 1,000 VOLTS
6 AMP RATING
1000 AMP SURGE
HIGH TEMPERATURE STABILITY
HIGH SURGE CAPABILITY
AVALANCHE CHARACTERISTICS
A
A
Max.For ward Voltage Drop @ 6.0 Amps V
Ambient Operating Temperature
Storage Temperature Range,T
Half Cycle Surge Current, I
EDI reserves the right to change these specifications at any time without notice.


Similar Part No. - ZAB005

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZABDC10-25HP MINI-ZABDC10-25HP Datasheet
208Kb / 1P
Bi-Directional Coupler
ZABDC10-25HP-S MINI-ZABDC10-25HP-S Datasheet
208Kb / 1P
Bi-Directional Coupler
ZABDC20-182H MINI-ZABDC20-182H Datasheet
200Kb / 1P
Bi-Directional Coupler
ZABDC20-182H+ MINI-ZABDC20-182H+ Datasheet
200Kb / 1P
Bi-Directional Coupler
ZABDC20-182H-S+ MINI-ZABDC20-182H-S+ Datasheet
200Kb / 1P
Bi-Directional Coupler
More results

Similar Description - ZAB005

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR150 MOTOROLA-MBR150 Datasheet
95Kb / 4P
Axial Lead Rectifiers
logo
Sensitron
1N5418 SENSITRON-1N5418 Datasheet
205Kb / 2P
HIGH CURRENT AXIAL LEAD RECTIFIERS
1N5807 SENSITRON-1N5807 Datasheet
42Kb / 2P
HIGH EFFICIENTCY AXIAL LEAD RECTIFIERS
logo
ON Semiconductor
MBR835 ONSEMI-MBR835 Datasheet
138Kb / 4P
Axial Lead Rectifiers
September, 2006 ??Rev. 2
logo
Electronic devices inc.
RAB EDI-RAB Datasheet
77Kb / 2P
3 AMPERE AXIAL LEAD RECTIFIERS
RWB EDI-RWB Datasheet
75Kb / 2P
5 AMPERE FAST RECOVERY AXIAL LEAD RECTIFIERS
WAB EDI-WAB Datasheet
69Kb / 2P
6 AMPERE AXIAL LEAD RECTIFIERS HIGH PERFORMANCE
YAB EDI-YAB Datasheet
33Kb / 2P
6 AMPERE AXIAL LEAD RECTIFIERS
logo
Sensitron
1N5550 SENSITRON-1N5550_08 Datasheet
50Kb / 3P
HIGH CURRENT AXIAL LEAD RECTIFIERS
SS5550 SENSITRON-SS5550 Datasheet
42Kb / 3P
HIGH CURRENT AXIAL LEAD RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com