Electronic Components Datasheet Search
  English  ▼

X  

PM6344 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM6344
Description  Quad E1 Framer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6344 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM6344 Datasheet HTML 1Page - PMC-Sierra, Inc PM6344 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PMC-950510 (R6)
©Ã1998 PMC-Sierra, Inc. October, 1998
PM6344
PMC-Sierra,Inc.
Quad E1 Framer
EQUAD
FEATURES
• Monolithic single-chip device which
integrates four full-featured E1 framers
and transmitters for terminating duplex
E1 signals.
• Frames to a G.704 2.048 Mbit/s signal.
Frames to the signalling multiframe
and to the CRC multiframe when
enabled.
• Supports HDB3 or AMI line codes.
• Supports transfer of PCM and
signalling data to/from 2.048 Mbit/s or
16.384 Mbit/s backplane buses.
Supports
n
× DS0 backplane interface
for fractional E1.
• Provides Channel-Associated
Signalling (CAS) extraction/insertion,
programmable idle and digital milliwatt
code substitution, and up to three
multiframes of signalling debounce on
a per-channel basis.
• Provides trunk conditioning which
forces programmable trouble code
substitution and signalling conditioning
on all/selected channels.
• Provides an HDLC interface for
terminating/generating a datalink.
• Optionally extracts the datalink from
timeslot 16 or from any combination of
the national bits.
• Software and functionally compatible
with the PM6341 E1XC Single E1
Transceiver. Pin-compatible with the
PM4344 TQUAD Quad T1 Framer.
• Provides an 8-bit microprocessor bus
interface for configuration, control, and
status monitoring.
• Low power 5 V CMOS technology.
• Available in a rectangular 128-pin
PQFP (14 by 20 mm) package.
RECEIVE SECTION
• Recovers clock and data using a digital
PLL for high jitter tolerance.
• Accepts/provides dual- or single-rail
digital PCM inputs/outputs. Accepts
gapped data streams to support higher
rate demultiplexing.
• Provides Loss Of Signal (LOS)
detection, and indicates loss of frame
alignment (OOF), loss of signalling
multiframe, and loss of CRC
multiframe. Indicates reception of
remote alarm, remote multiframe
alarm, Alarm Indication Signal (AIS)
and timeslot 16 AIS.
• Supports Line and Path performance
monitoring according to ITU
recommendations. Accumulators are
provided for counting CRC-4 errors,
Far-End Block Errors (FEBEs), frame
sync errors, and Line Code Violations
(LCVs).
• Extracts the datalink. Extracts selected
channels.
• Provides a 2-frame elastic store buffer
for jitter and wander attenuation.
TRANSMIT SECTION
• Optionally accepts/provides dual-rail
digital PCM inputs/outputs.
• Formats data to create a G.704
2.048 Mbit/s signal. Optionally inserts
signalling multiframe alignment signal.
Optionally inserts CRC multiframe
structure including optional
transmission of FEBEs.
• Allows insertion of a datalink. Allows
insertion of selected channels through
a serial port.
• Supports transmission of the AIS,
timeslot 16 AIS, remote alarm, and
remote multiframe alarm.
• Provides a digital PLL for generation of
a low jitter transmit clock.
• Provides a FIFO buffer for jitter
attenuation and transmit rate
conversion. FIFO full or empty
indication allows for bit-stuffing in
higher rate multiplexing applications.
APPLICATIONS
• E1/E3 Multiplexers and Digital Private
Branch Exchanges (PBXs)
• E1 Frame Relay Interfaces
• E1 ATM Interfaces
• Fractional E1 Interfaces
• Digital Access and Cross-Connect
Systems (DACS) and Electronic DSX
Cross-Connect Systems (EDSXs)
• Digital Loop Carriers (DLCs)
• E1 Channel Service Units (CSUs) and
Data Service Units (DSUs)
• ISDN Primary Rate Interfaces (PRI)
• SDH Add/Drop Multiplexers (ADMs)
BLOCK DIAGRAM
Q8T8
Qr…puhryÃ
8‚‡…‚yyr…)Ã
TvthyyvtÃ
DqyrÃD†r…‡
S9ISG8Wb )#d
7UTDB7U9Ib )#d
7U8GFb )#d
HU8GF
U8GFDb )#d
7UQ8H
7U9Qb )#dHU9
UPQT
Uv€vtÃPƒ‡v‚†
5HFHLYHU
7UDQVPLWWHU
U9IUAGBb )#d
QHPI
Qr…s‚…€hprÃ
H‚v‡‚…Ã
8‚ˆ‡r…†
Y8GFW8GF
U8GFPb )#d
S8GFPb )#d
HQDA
Hvp…‚ƒ…‚pr††‚…
D‡r…shpr
6b()d
S97
XS7
8T7
6G@
DIU7
STU7
9b&)d
ÃÃÃÃÃÃUur†rÆvthy†Ãh…rÆuh…rqÃir‡rrÃhyyÃrvtu‡Ãs…h€r…†
U9QU99b )#d
S9GTDB
S9GDIUb )#d
S9G8GF
S9G@PHb )#d
S8GFDb )#d
SAQb )#d
7SDA
7hpxƒyhr
Srprv‰rÃ
D‡r…shpr
9E6U
9vtv‡hyÃEv‡‡r…
6‡‡rˆh‡‚…
7UAQb )#dHUAQ
7UAQb )#dHUAQ
U9G8GF
U9GV9Sb )#d
U9GTDB
U9GDIUb )#d
89S8
8y‚pxÃhqÃ
9h‡h
Srp‚‰r…’
HS9
7STDB7S9Ib )#d
7SAQPb )#d
7SQ8H7S9Qb )#d
Pƒ‡v‚hyÃQyhpr€r‡
D‡r…hyÃ
7ˆ†
ÃÃÃÃPƒ‡v‚hyÃp‚rp‡v‚†Ãh…rÆu‚Ãv‡uÃqh†urqÃyvr†
S9QS99b )#d
H@I7
7SAQDHSAQD
7S8GFHS8GF
9SDA
9T
Srprv‰r
D‡r…shpr
SA9G
C9G8
Srprv‰r…
ASHS
A…h€r…)Ã
A…h€rÃ
6yvt€r‡Ã
6yh…€
9r‡rp‡v‚
7UDA
7hpxƒyhrÃ
U…h†€v‡Ã
D‡r…shpr
@GTU
@yh†‡vp
T‡‚…r
TDBY
TvthyyvtÃ
@‘‡…hp‡‚…Ã
U…ˆxÃ
8‚qv‡v‚
Y76T
7h†vpÃU…h†€v‡‡r…)Ã
A…h€rÃBrr…h‡v‚Ã
6yh…€ÃD†r…‡v‚
U…ˆxÃ8‚qv‡v‚vt
GvrÃ8‚qvt
9E6U
9vtv‡hyÃEv‡‡r…
6‡‡rˆh‡‚…
9UDA
9vtv‡hy
U…h†€v‡
D‡r…shpr
YA9G
C9G8
U…h†€v‡‡r…


Similar Part No. - PM6344

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM6344 PMC-PM6344 Datasheet
1Mb / 2P
QUADRUPLE E1 FRAMER
PM6344 PMC-PM6344 Datasheet
1,017Kb / 256P
QUADRUPLE E1 FRAMER
PM6344-1 PMC-PM6344-1 Datasheet
1,017Kb / 256P
QUADRUPLE E1 FRAMER
PM6344-RI PMC-PM6344-RI Datasheet
1Mb / 2P
QUADRUPLE E1 FRAMER
PM6344-RI PMC-PM6344-RI Datasheet
1,017Kb / 256P
QUADRUPLE E1 FRAMER
More results

Similar Description - PM6344

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM6341 PMC-PM6341 Datasheet
934Kb / 2P
E1 FRAMER/TRANSCEIVER
PM6344 PMC-PM6344 Datasheet
1Mb / 2P
QUADRUPLE E1 FRAMER
logo
Dallas Semiconductor
DS21Q43A DALLAS-DS21Q43A Datasheet
748Kb / 60P
Quad E1 Framer
DS21Q44 DALLAS-DS21Q44 Datasheet
620Kb / 105P
Enhanced QUAD E1 FRAMER
logo
Exar Corporation
XRT86VL34 EXAR-XRT86VL34 Datasheet
2Mb / 174P
QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_07 Datasheet
2Mb / 175P
QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
logo
PMC-Sierra, Inc
PM6341E1XC PMC-PM6341E1XC Datasheet
915Kb / 272P
E1 FRAMER/TRANSCEIVER
PM6344-1 PMC-PM6344-1 Datasheet
1,017Kb / 256P
QUADRUPLE E1 FRAMER
logo
Maxim Integrated Produc...
DS21Q44 MAXIM-DS21Q44 Datasheet
708Kb / 105P
Enhanced Quad E1 Framer
062602
DS21Q43A MAXIM-DS21Q43A Datasheet
748Kb / 60P
Quad E1 Framer
092299
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com