Electronic Components Datasheet Search
  English  ▼

X  

FTD8002 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FTD8002
Description  N-Channel Silicon MOSFET General-Purpose Switching Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FTD8002 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FTD8002 Datasheet HTML 1Page - Sanyo Semicon Device FTD8002 Datasheet HTML 2Page - Sanyo Semicon Device FTD8002 Datasheet HTML 3Page - Sanyo Semicon Device FTD8002 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FTD8002
No.7752-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Input Capacitance
Ciss
VDS=10V, f=1MHz
2610
pF
Output Capacitance
Coss
VDS=10V, f=1MHz
310
pF
Reverse Transfer Capacitance
Crss
VDS=10V, f=1MHz
300
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
30
ns
Rise Time
tr
See specified Test Circuit.
195
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
220
ns
Fall Time
tf
See specified Test Circuit.
185
ns
Total Gate Charge
Qg
VDS=10V, VGS=4V, ID=8A
26
nC
Gate-to-Source Charge
Qgs
VDS=10V, VGS=4V, ID=8A
3.5
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=10V, VGS=4V, ID=8A
8.0
nC
Diode Forward Voltage
VSD
IS=8A, VGS=0
0.82
1.2
V
Package Dimensions
unit : mm
2231
Switching Time Test Circuit
Electrical Connection
3.0
0.425
0.65
0.125
85
14
0.25
1 : Drain
2 : Source1
3 : Source1
4 : Gate1
5 : Gate2
6 : Source2
7 : Source2
8 : Drain
SANYO : TSSOP8
PW=10
µs
D.C.
≤1%
P.G
50
Ω
G
S
D
ID=8A
RL=1.88Ω
VDD=15V
VOUT
FTD8002
VIN
4V
0V
VIN
DS2 S2 G2
DS1 S1 G1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com