Electronic Components Datasheet Search
  English  ▼

X  

KPI5080 Datasheet(PDF) 1 Page - Electronic devices inc.

Part # KPI5080
Description  MINIBRIDGE 25,40,50 and 60 AMPERE BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

KPI5080 Datasheet(HTML) 1 Page - Electronic devices inc.

  KPI5080 Datasheet HTML 1Page - Electronic devices inc. KPI5080 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PI
EDI reserves the right to change these specifications at any time without notice
AMPS.
oC, IR
12
oC, IR
10
100
Storage Temperature Range, TSTG
Thermal Resistance (Total Bridge), R0 j-c
-
A
A
Th
is
ma
rk
ind
ica
tes
rec
og
nit
ion
un
de
r th
e c
om
po
ne
nt
pro
gra
m
of
Un
de
rw
rite
rs
La
bo
rat
ori
es
, in
c.
INTEGRALLY MOLDED
HEAT SINKS
PROVIDE VERY LOW
THERMAL RESISTANCE
AMPS.
AMPS.
- 55 to +175 C
o
2.5
25
VPI 25
FPI 40
MPI 40
MPI 50 UPI 50
40
50
40
50
300
400
400
1000
20
35
60
80
1.2
1.0
1.0
1.2
100
100
100
100
10
10
10
10
Max. Instantaneous Forward Voltage Drop
VF =1.2 V @ I F =Pulse Test:
Pulse Width < 300
Duty cycle < 2.0%
S
SERIES DESIGNA TIONS
Max. Peak Surge Current, IFSM(8.3ms) See Figure2
oC/ W
1.0
1.0
1.0
100
100
100
10
10
10
80
80
80
300
1000
1200
1200
60
60
50
KPI 50 UPI 60 KPI 60
25 AMPS
40 AMPS
40 AMPS
50 AMPS
50 AMPS
50 AMPS
60 AMPS
60 AMPS
50 VOLTS
100 VOLTS
200 VOLTS
400 VOLTS
600 VOLTS
800 VOLTS
1000 VOLTS
1200 VOLTS
VPI 2505
VPI 2510
VPI 2520
VPI 2540
VPI 2560
VPI 2580
VPI 25100
VPI 25120
FPI 4005
FPI 4010
FPI 4020
FPI 4040
FPI 4060
FPI 4080
FPI 40100
FPI 40120
MPI 4005
MPI 4010
MPI 4020
MPI 4040
MPI 4060
MPI 4080
MPI 40100
MPI 40120
MPI 5005
MPI 5010
MPI 5020
MPI 5040
MPI 5060
MPI 5080
MPI 50100
MPI 50120
UPI 5005
UPI 5010
UPI 5020
UPI 5040
UPI 5060
UPI 5080
UPI 50100
UPI 50120
KPI 5005
KPI 5010
KPI 5020
KPI 5040
KPI 5060
KPI 5080
KPI 50100
KPI 50120
UPI 6005
UPI 6010
UPI 6020
UPI 6040
UPI 6060
UPI 6080
UPI 60100
UPI 60120
KPI 6005
KPI 6010
KPI 6020
KPI 6040
KPI 6060
KPI 6080
KPI 60100
KPI 60120
ELECTRICAL CHARACTERISTICS PER LEG
(at TA=25 C Unl es s Oth erw ise Spe ci fie d)
Average Forward Current.lF(Av.)
O
TC 55 C See Figure3
MINIBRIDGE
25,40,50 and 60 AMPERE BRIDGE RECTIFIERS
NOTES: These bridges are also available in fast recovery and in positive and negative
center tap and in doubler configurations. Consult Factory.
Max. D.C. Reverse Current @ PRV and 25
Max. D.C. Reverse Current @ PRV and 100


Similar Part No. - KPI5080

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KPI511 KODENSHI-KPI511 Datasheet
207Kb / 4P
Photo Interrupter
KPI512 KODENSHI-KPI512 Datasheet
227Kb / 4P
Photo Interrupter
More results

Similar Description - KPI5080

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
2.0 Ampere Bridge Rectifiers
DF005M FAIRCHILD-DF005M Datasheet
33Kb / 2P
1.5 Ampere Bridge Rectifiers
DF005S FAIRCHILD-DF005S Datasheet
33Kb / 3P
1.5 Ampere Bridge Rectifiers
GBU4A FAIRCHILD-GBU4A Datasheet
743Kb / 3P
4.0 Ampere Bridge Rectifiers
GBU6A FAIRCHILD-GBU6A Datasheet
858Kb / 3P
6.0 Ampere Bridge Rectifiers
GBU8A FAIRCHILD-GBU8A Datasheet
247Kb / 3P
8.0 Ampere Bridge Rectifiers
KBL005 FAIRCHILD-KBL005 Datasheet
28Kb / 2P
4.0 Ampere Silicon Bridge Rectifiers
KBP005M FAIRCHILD-KBP005M Datasheet
323Kb / 3P
1.5 Ampere Bridge Rectifiers
KBU4A FAIRCHILD-KBU4A Datasheet
59Kb / 4P
4.0 Ampere Silicon Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_00 Datasheet
87Kb / 4P
2.0 Ampere Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com