Electronic Components Datasheet Search
  English  ▼

X  

PM73123 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM73123
Description  8 LINK CES/DBCES AAL1 SAR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73123 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM73123 Datasheet HTML 1Page - PMC-Sierra, Inc PM73123 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Head Office:
PMC-Sierra, Inc.
8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 604.415.6000
Fax: 604.415.6200
8 Link CES/DBCES AAL1 SAR
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn: Document Coordinator
All product documentation is available on
our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
PMC-1991272 (r2)
 Copyright PMC-Sierra, Inc. 2001.
All rights reserved. August 2001
S/UNI is a registered trademark and
AAL1gator, Any-PHY, COMET-
QUAD, ALL1gator-8, and PMC-Sierra
are trademarks of PMC-Sierra, Inc.
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
PM73123 AAL1gator™-8
• Queues are added by making entries
into an add queue FIFO to minimize
queue activation overhead.
RECEIVE SECTION
• Provides per-VC configuration of time
slots allocated, partial cell size,
sequence number processing options,
cell delay variation tolerance buffer
depth, maximum buffer depth.
• Supports Fast Sequence Number
processing and Robust Sequence
Number processing.
GENERAL
• Provides a microprocessor interface
for configuration, management, and
statistics gathering.
• Provides single maskable, open-
collector interrupt with master interrupt
register to facilitate processing for
AAL1, RAM and UTOPIA exceptions.
• Provides multiple counters in the Cell
Transmit and Receive directions as
required by the ATM Forum's CES-IS
2.0 MIB.
• Provides a seamless interface to an
external 128K x 16 (18) (10 ns)
Synchronous SRAM or ZBT RAM.
• Low-power 2.5V CMOS with 3.3V, 5V
tolerant I/O.
• 324-pin plastic ball grid array (PBGA)
package.
• Pin compatible with PM73124
AAL1gator-4.
APPLICATIONS
• Integrated Access Device.
• DACS with an ATM Interface.
• ATM Multiservice Switch CES Port
Cards.
• ATM Optical Networking Unit (ONU),
ATM Passive Optical Network (APON).
TYPICAL APPLICATIONS
DS3 LIU
PM7347
S/UNI-JET
PM4354
COMET-QUAD
PM73123
AAL1gator-8
T1/E1 x 8
Ethernet
ATM
Interworking
Function,
AAL5 SAR
PM7329
S/UNI-APEX-
1K800
Video
PM7328
S/UNI-ATLAS-
1K800
UTOPIA L2/
Any-PHY
UTOPIA L2
PM4354
COMET-QUAD
APON
Optical
Module
PM4354
COMET-QUAD
PM73123
AAL1gator-8
T1/E1 x 8
Ethernet
ATM
Interworking
Function,
AAL5 SAR
PM7329
S/UNI-APEX-
1K800
Video
PM7328
S/UNI-ATLAS-
1K800
UTOPIA L2/
Any-PHY
UTOPIA L2
PM4354
COMET-QUAD
ATM OPTICAL NETWORK UNIT (ONU)
INTEGRATED ACCESS DEVICE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com