Electronic Components Datasheet Search
  English  ▼

X  

PM75CBS060 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # PM75CBS060
Description  FLAT-BASE TYPE INSULATED PACKAGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM75CBS060 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  PM75CBS060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM75CBS060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM75CBS060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM75CBS060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM75CBS060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM75CBS060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM75CBS060
FLAT-BASE TYPE
INSULATED PACKAGE
Sep. 2001
Parameter
Symbol
Supply Voltage Protected by
OC & SC
Supply Voltage (Surge)
Module Case Operating
Temperature
Storage Temperature
Isolation Voltage
Conditions
VCC(surge)
TC
Tstg
Viso
Ratings
VCC(PROT)
400
500
–20 ~ +110
–40 ~ +125
2500
Unit
V
°C
°C
Vrms
V
VD = 13.5 ~ 16.5V, Inverter Part,
Tj = 125
°C Start
Applied between : P-N, Surge value
(Note-1)
60Hz, Sinusoidal
Charged part to Base, AC 1 min.
(Note-1) Tc(under the chip) measurement point is below.
TOTAL SYSTEM
(Unit : mm)
X
Y
Axis
Arm
UP
VP
WP
UN
VN
WN
IGBT
83.3
3.8
FWDi
83.3
–4.3
IGBT
41.8
3.8
FWDi
41.8
–4.3
IGBT
16.8
3.8
FWDi
16.8
–4.3
IGBT
70.8
–2.3
FWDi
70.8
–10.3
IGBT
54.3
–2.3
FWDi
54.3
–10.3
IGBT
29.3
–2.3
FWDi
29.3
–10.3
2.3
2.3
3.3
2.4
0.3
1.0
3.3
1.0
1
10
Min.
Typ.
Max.
Collector-Emitter
Saturation Voltage
Collector-Emitter
Cutoff Current
–IC = 75A, VD = 15V, VCIN = 15V
(Fig. 2)
Tj = 25
°C
Tj = 125
°C
ELECTRICAL CHARACTERISTICS (Tj = 25
°C, unless otherwise noted)
INVERTER PART
Parameter
Symbol
Test Conditions
VCE(sat)
ICES
VEC
ton
trr
tc(on)
toff
tc(off)
Limits
—
—
—
0.8
—
—
—
—
—
—
1.7
1.7
2.2
1.2
0.15
0.4
2.4
0.5
—
—
Tj = 25
°C
Tj = 125
°C
FWDi Forward Voltage
Switching Time
VD = 15V, VCIN = 15V
↔0V
VCC = 300V, IC = 75A
Tj = 125
°C
Inductive Load
(Fig. 3)
VCE = VCES, VD = 15V (Fig. 4)
VD = 15V, IC = 75A
VCIN = 0V, Pulsed
(Fig. 1)
V
mA
V
µs
µs
µs
µs
µs
Unit
°C/W
°C/W
°C/W
Rth(j-c’)Q
Rth(j-c’)F
Rth(c-f)
Symbol
Parameter
Test Conditions
Unit
Limits
Min.
Typ.
Max.
THERMAL RESISTANCES
Contact Thermal Resistance
*: If you use this value, Rth(f-a) should be measured just under the chips.
Tc measured point is just under the chips Inverter IGBT
part (per 1/6 module)
Tc measured point is just under the chips Inverter
FWDi part (per 1/6 module)
Case to fin, (per 1 module)
Thermal grease applied
Junction to case Thermal
Resistances
—
—
—
0.27*
0.47*
0.046
—
—
—
X
UV
W
PN
Bottom view
Y
–Y



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com