Electronic Components Datasheet Search
  English  ▼

X  

PM73123-PI Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM73123-PI
Description  8 LINK CES/DBCES AAL1 SAR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73123-PI Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM73123-PI Datasheet HTML 1Page - PMC-Sierra, Inc PM73123-PI Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PM73123
8 Link CES/DBCES AAL1 SAR
AAL1gator™-8
PMC-1991272 (r2)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
 Copyright PMC-Sierra, Inc. 2001
FEATURES
• Supports eight structured/unstructured
T1, E1 links or one unstructured DS3,
E3 or STS-1/STM-0 link over an AAL1
CBR ATM network.
• Compliant with ATM Forum's CES (AF-
VTOA-0078), and ITU-T I.363.1.
• Supports up to 256 VCs.
• Supports n x 64 (consecutive
channels) and m x 64 (non-
consecutive channels) structured data
format with channel associated
signaling (CAS) support.
• Internal E1/T1 clock synthesizers
provided for each line which can be
controlled via internal synchronous
residual time stamp (SRTS) or an
internal programmable weighted
moving average adaptive clocking
algorithm in unstructured mode. Clock
synthesizers can also be controlled
externally to provide customization of
SRTS or adaptive clocking methods.
• Provides transparent transmission of
CCS and CAS and termination of CAS
signaling.
• Compliant with ATM Forum's Dynamic
Bandwidth Circuit Emulation Service
(DBCES) AF-VTOA-0085. Supports
idle channel detection via processor
intervention, CAS signaling, or data
pattern detection. Provides idle
channel indication on a per channel
basis.
• Supports AAL0 mode, selectable on a
per VC basis.
• Provides transmit and receive buffers
which can be used for OAM cells as
well as any other user-generated cells
such as AAL5 cells for ATM signaling.
LINE INTERFACE
• Supports the following flexible line
interfaces:
•
Eight individual T1 or E1 lines.
•
Two H-MVIP lines at 8 MHz.
•
One unstructured DS3, E3 or STS-
1/STM-0 line.
• Provides lineside loopback support on
a per channel basis.
UTOPIA INTERFACE
• Supports 52 MHz, 8/16-bit Level 2,
Multi-Phy Mode (MPHY) with parity,
8/16-bit Level 1, SPHY and 8-bit
Level 1, ATM Master modes.
• Provides an optional 8/16-bit Any-
PHY™ slave interface.
• Provides a three cell FIFO for UTOPIA
loopback support on a per VC basis or
a global basis.
TRANSMIT SECTION
• Provides individually enabled per-VC
data and signaling conditioning in the
transmit cell direction and per DS0
data and signaling conditioning in the
transmit line direction. Includes DS3
AIS conditioning support in both
directions.
• Provides per-VC configuration of time
slots allocated, CAS support, partial
cell size, data and signaling
conditioning, ATM Cell header
definition.
• Generates AAL1 sequence numbers,
pointers and SRTS values in
accordance with ITU-T I.363.1.
Multicast connections are supported.
• Provides a patented frame based
calendar queue service algorithm with
anti-clumping add-queue mechanism
that produces minimal CDV. In
unstructured mode, uses non-frame
based scheduling to optimize CDV.
BLOCK DIAGRAM
UTOPIA
Interface
8
TATM_DATA[15:0]
TATM_PAR
TATM_ENB
TATM_SOC
TATM_CLAV
TATM_CLK
RPHY_ADD[4:0]
RATM_DATA[15:0]
RATM_PAR
RATM_ENB
RATM_SOC
RATM_CLAV
RATM_CLK
TPHY_ADD[4:0]
A1SP
8
Line Interface
JTAG
RAM
Interface
Processor Interface
External Clock
Interface
Clock
MUX
8
H-MVIP
8
F0B
TL_SIG[7:0]
TL_DATA[7:0]
TL_SYNC[7:0]
RL_SIG[7:0]
RL_DATA[7:0]
RL_SYNC[7:0]
LINE_MODE
8
Direct
Mode
8
RSTB
SCAN_ENB
SCAN_MODEB


Similar Part No. - PM73123-PI

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM73123 PMC-PM73123 Datasheet
55Kb / 2P
8 Link CES/DBCES AAL1 SAR
More results

Similar Description - PM73123-PI

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM73121 PMC-PM73121 Datasheet
2Mb / 223P
AAL1 Segmentation And Reassembly Processor
PM73122 PMC-PM73122 Datasheet
4Mb / 489P
32 LINK CES/DBCES AAL1 SAR PROCESSOR
PM73123 PMC-PM73123 Datasheet
55Kb / 2P
8 Link CES/DBCES AAL1 SAR
PM73124 PMC-PM73124 Datasheet
82Kb / 2P
4 Link CES/DBCES AAL1 SAR
logo
Mitel Networks Corporat...
MT90500 MITEL-MT90500 Datasheet
514Kb / 159P
Multi-Channel ATM AAL1 SAR
logo
Zarlink Semiconductor I...
MT90503 ZARLINK-MT90503 Datasheet
1Mb / 233P
2048VC AAL1 SAR
MT90520 ZARLINK-MT90520 Datasheet
1Mb / 180P
8-Port Primary Rate Circuit Emulation AAL1 SAR
MT90528 ZARLINK-MT90528 Datasheet
1Mb / 195P
28-Port Primary Rate Circuit Emulation AAL1 SAR
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
PHOENIX CONTACT
0801671 PHOENIX-0801671 Datasheet
67Kb / 4P
Blind sleeve - CES-LRG-BK
09/11/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com