Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-CAM-M0I Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-CAM-M0I
Description  P-Board: Hardware MIPI CSI-2 kit for the evaluation and integration of promodules on embedded processing platforms
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-CAM-M0I Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-CAM-M0I Datasheet HTML 1Page - STMicroelectronics STEVAL-CAM-M0I Datasheet HTML 2Page - STMicroelectronics STEVAL-CAM-M0I Datasheet HTML 3Page - STMicroelectronics STEVAL-CAM-M0I Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Figure 1. Typical setup for using the P-Board on embedded processing platforms
Figure 2. Content of the P-Board deliverable
Item 2: FFC cable
Item 1: P-Board
Camera module input connector
(for use with promodules)
Connector for optional
lighting board
FFC output connector
GPIO connector
Table 1. Main technical specifications
Category
Item
Parameter
Specification
Electronics
Board input
Connector type
Board to board/FFC
Pinout
30 pins
Connector reference
BM28B0.6-30DP/2-0.35V by Hirose
Image input format
MIPI CSI-2
Control interface
I²C
Compatible evaluation tools
CAM-55G0, CAM-55G1, CAM-56G3, CAM-66GY
Board output
Connector type
FFC
Pinout
22 pins
Connector reference
FH12-24S-0.5SH(55) by Hirose
Image output format
MIPI CSI-2 (1 or 2 lanes)
Control interface
I²C
Cable
Cable pinout
22 pins (1)
Cable reference
687722050002 by Würth
Mechanics
Board
Dimension - L x H x W
30 x 35 x 11 mm
Cable
Length
10 cm
1. Other pinouts (ex: 15 pins) can be supported by plugging different off-the-shelf cables available from various suppliers.
STEVAL-CAM-M0I
DB5289 - Rev 1
page 2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com