Electronic Components Datasheet Search
  English  ▼

X  

902 Datasheet(PDF) 2 Page - Fluke Corporation

Part # 902
Description  Fluke 902 FC True-rms Wireless HVAC Clamp Meter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

902 Datasheet(HTML) 2 Page - Fluke Corporation

  902 Datasheet HTML 1Page - Fluke Corporation 902 Datasheet HTML 2Page - Fluke Corporation 902 Datasheet HTML 3Page - Fluke Corporation 902 Datasheet HTML 4Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 Fluke Corporation
Fluke 902 FC True-rms Wireless HVAC Clamp Meter
Features (continued)
- Create and email reports right from the
field. When team collaboration is needed
use Fluke Connect ShareLive™ video call to
share live measurements and discuss next
steps with colleagues.
- Don’t risk transcription errors, save your
measurements directly to your meter from
your smartphone with the press
of a button.
• CAT III 600V / CAT IV 300V safety rating
• TPAK magnetic hanging strap (optional) allows
you to conveniently hang the meter while
using the probes
Specifications
General specifications
Function
Range
Resolution
Accuracy
Crest factor (50Hz or 60Hz)
A ac (via Jaw)
60/600 A
0.01/0.1 A
2.0 % ± 5 digit (45-65 Hz)
2.5 % ± 5 digit (65-400 Hz)
2.5 at 220 A
3.0 at 180 A
>1.4 at 600 A
Add 2 % kΩ for CF>2
V ac
600 V
0.1 V
1.5 % ± 5 digits (45-400Hz)
V dc
600 V
0.1 V
1 % ± 5 digits
Ohms
600/6,000/60,000 Ω
0.1/1/10
1 % ± 5 digits
µA
200 µA
0.1 µA
1 % ± 4 digits
Contact temperature
10 to 400 °C (14 °F to 752 °F)
0.1 C/F
1 % ± 8 digits
Capacitance
100.0/1000 µF
0.1/1 µF
1% +/- 4 digits
Continuity beeper
Beeper volume
75 dBA nom. 15 cm from case front
On threshold
<=30 Ω
• Ergonomic design fits in your hand and can
be used while wearing personal protective
equipment
• Large, easy-to-read backlit display
• Three-year warranty
• Soft carrying case
• Auto shut-off maximizes battery life so the
meter works when you need it
• Measurement range feature automatically
changes switch positions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com