Electronic Components Datasheet Search
  English  ▼

X  

BAE00L9 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BAE00L9
Description  Capacitive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BAE00L9 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BAE00L9 Datasheet HTML 1Page - Balluff Korea Ltd. BAE00L9 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Capacitive Sensors
BAE SA-CS-025-YP-BP00,3-GS04
Order Code: BAE00L9
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-02
Subject to change without notice: 234476
ETIM 6.0: EC002715
BAE00L9_1_2024-09-18
1 / 2
1) LED Power, 2) LED function indicator, 3) Sn, 4) LED N.C. function active, 5) Switching stage NPN, active, 6) LED Error, 7)
Plug connection sensor, 8) DIN rail mount 35mm, 9) Flap
Basic features
Approval/Conformity
CE
UKCA
cULus
WEEE
Basic standard
IEC 60947-5-2
Series
BAE
Display/Operation
Adjuster
Trimmer potentiometer
Function indicator
yes
Power indicator
yes
Setting
Sensitivity (Sn)
Electrical connection
Cable diameter D
4.50 mm
Cable length L
0.3 m
Connection
M12x1
Polarity reversal protected
yes
Protection against device mix-ups
yes
Short-circuit protection
yes
Electrical data
Load capacitance max. at Ue
0.33 µF
No-load current Io max. at Ue
25 mA
Operating voltage Ub
12...30 VDC
Rated insulation voltage Ui
75 V DC
Rated operating current Ie
50 mA
Rated operating voltage Ue DC
24 V
Ready delay tv max.
200 ms
Residual current Ir max.
10 µA
Switching frequency
100 Hz
Utilization category
DC -13
Voltage drop Ud max. at Ie
2 V
Environmental conditions
Ambient temperature
-10...70 °C
IP rating
IP40
Functional safety
MTTF (40 °C)
405 a
Interface
Switching output
PNP/NPN NO/NC programmable


Similar Part No. - BAE00L9

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAE00LA BALLUFF-BAE00LA Datasheet
122Kb / 2P
Capacitive Sensors
2024-10-02
BAE00LC BALLUFF-BAE00LC Datasheet
115Kb / 2P
Capacitive Sensors
2024-09-18
BAE00LJ BALLUFF-BAE00LJ Datasheet
170Kb / 3P
Switching Power Supplies
2.26_2021-05-03
More results

Similar Description - BAE00L9

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCS0179 BALLUFF-BCS0179 Datasheet
154Kb / 2P
Capacitive Sensors
BCS017H BALLUFF-BCS017H Datasheet
106Kb / 2P
Capacitive Sensors
BCS004K BALLUFF-BCS004K Datasheet
120Kb / 2P
Capacitive Sensors
BCS004M BALLUFF-BCS004M Datasheet
120Kb / 2P
Capacitive Sensors
BCS004T BALLUFF-BCS004T Datasheet
120Kb / 2P
Capacitive Sensors
BCS012T BALLUFF-BCS012T Datasheet
134Kb / 3P
Capacitive Sensors
BCS012U BALLUFF-BCS012U Datasheet
140Kb / 3P
Capacitive Sensors
BCS00PJ BALLUFF-BCS00PJ Datasheet
119Kb / 2P
Capacitive Sensors
BCS00PZ BALLUFF-BCS00PZ Datasheet
118Kb / 2P
Capacitive Sensors
BCS00TL BALLUFF-BCS00TL Datasheet
121Kb / 2P
Capacitive Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com