Electronic Components Datasheet Search
  English  ▼

X  

BCS012H Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BCS012H
Description  Capacitive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCS012H Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BCS012H Datasheet HTML 1Page - Balluff Korea Ltd. BCS012H Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Capacitive Sensors
BCS R08RRE-PSMFHC-EP02
Order Code: BCS012H
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-02
Subject to change without notice: 244535
ETIM 6.0: EC002715
BCS012H_4_2023-08-29
2 / 2
Material
Cover material
PP
Housing material
PP
Material jacket
PUR
Material sensing surface
PP
Mechanical data
Dimension
34 x 16 x 8 mm
Installation
flush with container outer wall
Size
Block style
Tightening torque
0.2 Nm
Remarks
Note for using in standard applications with aqueous media: The Smart Level sensors are factory adjusted for standard applications. With this setting the
Smart Level sensors can be used without further adjustment for detecting aqueous media through glass or plastic walls. The factory setting can
automatically mask glass or plastic walls (approx. 0.5 mm to 6 mm) and compensate for foam, moisture and dirt buildup inside and outside the container.
Special applications: The Smart Level sensors can also be used with aqueous media in previously unsolvable and critical applications such as through glass
or plastic walls thicker than 6 mm. Here the user can change the factory setting.
For full calibration connect input DI to L+ for 2...7 seconds. For empty calibration connect to L+ for 7..12 seconds.
Input DI can be used for teaching the switching point. In normal operation input DI should be connected continuously to L-.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Wiring Diagrams (Schematic)
Help Views



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com