Electronic Components Datasheet Search
  English  ▼

X  

CDB5504 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CDB5504
Description  Low Power, 20-Bit A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5504 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CDB5504 Datasheet HTML 16Page - Cirrus Logic CDB5504 Datasheet HTML 17Page - Cirrus Logic CDB5504 Datasheet HTML 18Page - Cirrus Logic CDB5504 Datasheet HTML 19Page - Cirrus Logic CDB5504 Datasheet HTML 20Page - Cirrus Logic CDB5504 Datasheet HTML 21Page - Cirrus Logic CDB5504 Datasheet HTML 22Page - Cirrus Logic CDB5504 Datasheet HTML 23Page - Cirrus Logic CDB5504 Datasheet HTML 24Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Control Input Pins
CAL - Calibrate, Pin 4.
When taken high the same time that the CONV pin is taken high the converter will perform a
self-calibration which includes calibration of the offset and gain scale factors in the converter.
CONV - Convert, Pin 3.
The CONV pin initiates a calibration cycle if it is taken from low to high while the CAL pin is
high, or it initiates a conversion if it is taken from low to high with the CAL pin low. If
CONV is held high (CAL low) the converter will do continuous conversions.
BP/UP - Bipolar/Unipolar, Pin 7.
The BP/UP pin selects the conversion mode of the converter. When high the converter will
convert bipolar input signals; when low it will convert unipolar input signals.
A0 - Multiplexer Selection Input, Pin 1.
Selects the input channel for conversion. A0=0=AIN1. A0 is latched when CONV transitions
from low to high. This input has a pull-down resistor internal to the chip.
Measurement and Reference Inputs
AIN1+, AIN2+, AIN1-, AIN2- - Differential Analog Inputs, Pins 8, 9, 10, 11.
Analog differential inputs to the delta-sigma modulator.
VREF+, VREF- - Differential Voltage Reference Inputs, Pins 12, 13.
A differential voltage reference on these pins operates as the voltage reference for the
converter. The voltage between these pins can be any voltage between 1.0 and 3.6 volts.
Power Supply Connections
VA+ - Positive Analog Power, Pin 14.
Positive analog supply voltage. Nominally +5 volts.
VA- - Negative Analog Power, Pin 15.
Negative analog supply voltage. Nominally -5volts.
VD+ - Positive Digital Power, Pin 17.
Positive digital supply voltage. Nominally +5 volts or +3.3 volts.
DGND - Digital Ground, Pin 16.
Digital Ground.
CS5504
DS126F1
21
CS5504
DS126F2
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com