Electronic Components Datasheet Search
  English  ▼

X  

PI74AVC164245LAA Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI74AVC164245LAA
Description  16-Bit 1.5-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC164245LAA Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI74AVC164245LAA Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74AVC164245LAA Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC164245LAA Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC164245LAA Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC164245LAA Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC164245LAA Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC164245LAA Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC164245LAA Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC164245LAA Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
PS8600B
02/09/06
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74AVC164245LA
16-Bit 1.5-2.5V to 3.3V Level Shifting
Transceiver with 3-State Outputs
Notes:
1. Value limited to 4.6V maximum..
2.To ensure proper device operation, all unused device inputs must be held at the associated VCC or GND.
3. Typical values are measured at VCC = 3.3V, TA = 25°C
4. For I/O ports, the parameter IOZ includes the input leakage current.
5. This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than at 0 or the associated VCC.
Electrical Characteristics (VCCB) (Over recommended operating free-air temperature range for VCCB = 3.3V)
s
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
TV C
CB
.
n
i
Mp
y
T
)
3
(
.
x
a
Ms
t
i
n
U
V H
O
)
B
o
t
A
(
I H
O
0
0
1
–
=
μA
V
0
.
38
.
2
V
V
6
.
34
.
3
I H
O
A
m
2
1
–
=
V
0
.
32
.
2
6
.
3V
8
.
2
V L
O
)
B
o
t
A
(
I L
O
0
0
1
=
μA
V
0
.
32
.
0
V
6
.
32
.
0
I L
O
2
1
=mA
V
0
.
35
.
0
V
6
.
35
.
0
II
s
t
u
p
n
I
l
o
r
t
n
o
CVI
V
=
B
C
C
D
N
G
r
oV
6
.
35
±
μA
I Z
O
)
4
(
s
t
r
o
p
B
r
o
AVO
V
=
B
C
C
D
N
G
r
oV
6
.
30
1
±
I C
C
VI
V
=
B
C
C
I
,
D
N
G
r
o
O
0
=V
6
.
30
2
ΔI C
C
)
5
(
V
t
a
t
u
p
n
i
e
n
O
B
C
C
V
t
a
s
t
u
p
n
i
r
e
h
t
O
,
V
6
.
0
–
B
C
C
D
N
G
r
oV
6
.
3
o
t
V
0
.
30
0
5
CI
s
t
u
p
n
I
l
o
r
t
n
o
CVI
V
=
B
C
C
D
N
G
r
oV
3
.
35
.
4
F
p
C O
I
s
t
r
o
p
B
r
o
AVO
V
=
B
C
C
D
N
G
r
oV
3
.
35
.
6
Recommended Operating Conditions for VCCA at 1.5V
(2)
.
n
i
M.
x
a
Ms
t
i
n
U
V
A
C
C
)
1
(
e
g
a
t
l
o
v
y
l
p
p
u
S4
.
16
.
1
V
V H
I
e
g
a
t
l
o
v
l
e
v
e
l
-
h
g
i
HV
A
C
C
V
6
.
1
o
t
V
4
.
1
=x
5
6
.
0V
A
C
C
V L
I
e
g
a
t
l
o
v
l
e
v
e
l
-
w
o
LV
A
C
C
V
6
.
1
o
t
V
4
.
1
=x
5
3
.
0V
A
C
C
V B
I
e
g
a
t
l
o
v
t
u
p
n
I0
V
A
C
C
V A
O
e
g
a
t
l
o
v
t
u
p
t
u
O0
V
A
C
C
I H
O
t
n
e
r
r
u
c
t
u
p
t
u
o
l
e
v
e
l
-
h
g
i
H
V
A
C
C
V
4
.
1
=2
–
A
m
V
A
C
C
V
6
.
1
=6
–
I L
O
t
n
e
r
r
u
c
t
u
p
t
u
o
l
e
v
e
l
-
w
o
L
V
A
C
C
V
4
.
1
=2
V
A
C
C
V
6
.
1
=6
Δ /tΔv
e
t
a
r
l
l
a
f
r
o
e
s
i
r
n
o
i
t
i
s
n
a
r
t
t
u
p
n
I
0
1V
/
s
n
TA
e
r
u
t
a
r
e
p
m
e
t
r
i
a
-
e
e
r
f
g
n
i
t
a
r
e
p
O0
4
–5
8C
°
06-0016



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com