Electronic Components Datasheet Search
  English  ▼

X  

PM7328 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM7328
Description  ATM Layer Solution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7328 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM7328 Datasheet HTML 1Page - PMC-Sierra, Inc PM7328 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Head Office:
PMC-Sierra, Inc.
#105 - 8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 604.415.6000
Fax: 604.415.6200
ATM Layer Solution
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn: Document Coordinator
PMC-2010037 (r2)
© Copyright PMC-Sierra, Inc. 2001. All
rights reserved. August 2001
S/UNI is a registered trademark of
PMC-Sierra, Inc.
Any-PHY and SCI-PHY are trademarks of
PMC-Sierra, Inc.
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
Release
PM7328 S/UNI-ATLAS-1K800
All product documentation is available
on our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
• Guaranteed Frame Rate (GFR)
Policing with Minimum Cell Rate
Frame Tagging.
OAM
• ITU-I.610 compliant OAM on both
Ingress and Egress directions.
• Complete Fault Management (AIS,
RDI, CC) processing, for VP/VC,
Segment/End-to-end flows on all VCs.
• Complete Performance Monitoring
processing, for VP/VC, Segment/End-
to-end, Forward/Backward flows, on
256 Bi-directional VCs.
CELL COUNTING
• Per-VC counts include CLP0 cells,
CLP1 cells, policing violations.
• Per-PHY counts include CLP0 cells,
CLP1 cells, OAM cells, errored OAM
cells, unassigned/invalid cells and
policing violations.
• Per-device counts include total cells
received/transmitted, and physical
layer cells.
PACKAGING
• Provides a standard 5 signal P1149.1
JTAG test port for boundary scan
board test purposes.
• Low power 0.35 micron, 3.3V CMOS
technology with a 3.3V UTOPIA (SCI-
PHY), 3.3/5V Microprocessor I/O
interfaces and 3.3V external
synchronous SRAM interfaces.
• Packaged in 432-pin ball grid array
(BGA) package.
APPLICATIONS
• Mini Digital Subscriber Loop Access
Multiplexer (Mini-DSLAM).
• Subscriber Access Equipment.
• Digital Loop Card Traffic Aggregation.
TYPICAL APPLICATION
S/UNI-ATLAS-1K800 IN OC3 MINI-DSLAM APPLICATION
S/UNI-ATLAS-1K800 IN OC3 DIGITAL LOOP CARD APPLICATION
Core Card
PHY
Host CPU
Any-PHY/
SCI-PHY
Context
SSRAM
Packet/Cell
SDRAM
Ingress
SSRAM
Egress
SSRAM
PM7351
S/UNI-
VORTEX
up to 31
Utopia
L2 ports
line cards
PM7350
S/UNI-
DUPLEX
DSL PHY
DSL PHY
200
Mbit/s
LVDS
up to 31
Utopia
L2 ports
line cards
PM7350
S/UNI-
DUPLEX
DSL PHY
DSL PHY
Up
to
8
LV
DS
lin
ks
to
S/
UN
I-
DU
PL
EX
de
vic
es
pe
r S
/U
NI
-V
OR
TE
X
PM7329
S/UNI-APEX-
1K800
PM7328
S/UNI-ATLAS-
1K800
line interface
Digital Loop Card
DSL PHY
DSL PHY
PHY
Host CPU
Any-PHY/
SCI-PHY Bus
Context
SSRAM
Packet/Cell
SDRAM
Ingress
SSRAM
Egress SSRAM
DSL PHY
expansion
PM7329
S/UNI-APEX-
1K800
PM7328
S/UNI-ATLAS-
1K800



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com