Electronic Components Datasheet Search
  English  ▼

X  

PM7329 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM7329
Description  ATM TRAFFIC MANAGER AND SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7329 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM7329 Datasheet HTML 1Page - PMC-Sierra, Inc PM7329 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Head Office:
PMC-Sierra, Inc.
#105 - 8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 604.415.6000
Fax: 604.415.6200
Packet/ATM Traffic Manager and Switch
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn: Document Coordinator
PMC-2010038 (r3)
© Copyright PMC-Sierra, Inc. 2001. All
rights reserved. June 2001
S/UNI is a registered trademark of
PMC-Sierra, Inc.
Any-PHY and SCI-PHY are trademarks of
PMC-Sierra, Inc.
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
Released
PM7329 S/UNI-APEX-1K800
All product documentation is available
on our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
CONGESTION CONTROL
• Traffic discard thresholds configurable
per connection (independent CLP0
and CLP1 thresholds), per class, per
port, and per direction.
• Guaranteed Frame Rate (GFR)
implemented via CLP0 minimum buffer
size reservation per connection.
QUEUING & SCHEDULING
• 1024 traffic staging queues (one per
connection) individually assignable to
any CoS on any port.
• 512 + 20 scheduling queues: 4 CoS
queues per port, 128 line ports, 4 WAN
ports, and 1 processor port.
• Each port’s queuing and scheduling is
configurable as cell at a time or packet
at a time.
• Connections are scheduled into each
class queue using configurable
weighted fair queuing (cell mode), or
FIFO (frame mode).
• Classes are scheduled into ports using
strict priority with configurable
minimum bandwidth reservation.
• Ports are scheduled onto their
corresponding bus using a
configurable weighted interleaved
round robin algorithm.
• On the WAN ports: rate shaping,
individually configured per connection,
within four classes.
ACCOUNTING
• Per connection CLP0/CLP1 upstream/
downstream Tx counts.
• Error statistics accumulation.
• CLP0/CLP1 cell discard counts with
indication of connection ID of last cell
discarded.
APPLICATIONS
• Mini Digital Subscriber Loop Access
Multiplexer (mini-DSLAM).
• Subscriber Access equipment.
• Digital Loop Card traffic aggregation.
TYPICAL APPLICATION
S/UNI-APEX-1K800 IN OC3 MINI-DSLAM APPLICATION
Core Card
PHY
Host CPU
Any-PHY/
SCI-PHY
Context
SSRAM
Packet/Cell
SDRAM
Ingress
SSRAM
Egress
SSRAM
PM7351
S/UNI-
VORTEX
up to 31
Utopia
L2 ports
line cards
PM7350
S/UNI-
DUPLEX
DSL PHY
DSL PHY
200
Mbit/s
LVDS
up to 31
Utopia
L2 ports
line cards
PM7350
S/UNI-
DUPLEX
DSL PHY
DSL PHY
Up
to
8
LV
DS
lin
ks
to
S/
UN
I-
DU
PL
EX
de
vic
es
pe
r S
/U
NI
-V
OR
TE
X
PM7329
S/UNI-APEX-
1K800
PM7328
S/UNI-
ATLAS-
1K800
line interface
Digital Loop Card
DSL PHY
DSL PHY
PHY
Host CPU
Any-PHY/
SCI-PHY Bus
Context
SSRAM
Packet/Cell
SDRAM
Ingress
SSRAM
Egress SSRAM
DSL PHY
expansion
PM7329
S/UNI-APEX-
1K800
PM7328
S/UNI-ATLAS-
1K800
S/UNI-APEX-1K800 IN OC3 DIGITAL LOOP CARD APPLICATION



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com