Electronic Components Datasheet Search
  English  ▼

X  

CS5581 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5581
Description  짹2.5 V / 5 V, 200 kSps, 16-bit, High-throughput ?誇 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5581 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5581 Datasheet HTML 18Page - Cirrus Logic CS5581 Datasheet HTML 19Page - Cirrus Logic CS5581 Datasheet HTML 20Page - Cirrus Logic CS5581 Datasheet HTML 21Page - Cirrus Logic CS5581 Datasheet HTML 22Page - Cirrus Logic CS5581 Datasheet HTML 23Page - Cirrus Logic CS5581 Datasheet HTML 24Page - Cirrus Logic CS5581 Datasheet HTML 25Page - Cirrus Logic CS5581 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
CS5581
22
DS796A1
8/21/07
15:56
3.10 Digital Filter Characteristics
The digital filter is designed for fast settling, therefore it exhibits very little in-band attenuation. The filter
attenuation is 1.040 dB at 50 kHz when sampling at 200 kSps.
Figure 11. CS5581 Spectral Response (DC to fs/2)
Figure 12. CS5581 Spectral Response (DC to 20 kHz)
Figure 13. CS5581 Spectral Response (DC to 8fs)
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0
20k
40k
60k
80k
100k
Frequency (Hz)
-0.01049 dB
-0.16813 dB
-0.26347 dB
fs = 200 kSps
-0.04206 dB
-0.09443 dB
-0.015
-0.01
-0.005
0.00
0
5k
10k
15k
20k
Frequency (Hz)
-0.002622 dB
-0.005901 dB
-0.01049 dB
fs = 200 kSps
-0.006283 dB
-120
-100
-80
-60
-40
-20
0
0
400k
800k
1.2M
1.6M
Frequency (Hz)
fs = 200 kSps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com